Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD4049UBDE4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CD4049UBDE4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 37 page 6 FIGURE 6. TYPICAL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS FIGURE 7. MINIMUM OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS FIGURE 8. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS AS A FUNCTION OF TEMPERATURE FOR CD4049UB FIGURE 9. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS AS A FUNCTION OF TEMPERATURE FOR CD4050B FIGURE 10. TYPICAL POWER DISSIPATION vs FREQUENCY CHARACTERISTICS FIGURE 11. TYPICAL POWER DISSIPATION vs INPUT RISE AND FALL TIMES PER INVERTER FOR CD4049UB Typical Performance Curves (Continued) -5 -10 -15 -20 -25 -30 -35 -15V -10V GATE TO SOURCE VOLTAGE VGS = -5V TA = 25 oC -8 -7 -6 -5 -4 -3 -2 -1 0 VDS, DRAIN TO SOURCE VOLTAGE (V) -5 -10 -15 -20 -25 -30 -35 -15V -10V GATE TO SOURCE VOLTAGE VGS = -5V TA = 25 oC -8 -7 -6 -5 -4 -3 -2 -1 0 VDS, DRAIN TO SOURCE VOLTAGE (V) 10 6 5 4 3 2 1 -55oC 125oC SUPPLY VOLTAGE VCC = 10V TA = -55 oC 8 7 6 5 4 3 2 1 0 VI, INPUT VOLTAGE (V) 910 9 8 7 0 125oC VCC = 5V 10 6 5 4 3 2 1 -55oC 125oC SUPPLY VOLTAGE VCC = 10V TA = -55 oC 8 7 6 5 4 3 2 1 0 VI, INPUT VOLTAGE (V) 910 9 8 7 0 125oC VCC = 5V 105 104 103 102 10 10 102 103 104 105 TA = 25 oC SUPPL Y V OL TA GE V CC = 15V 10V 10V 5V LOAD CAPACITANCE CL = 50pF (11pF FIXTURE + 39pF EXT) (11pF FIXTURE + 4pF EXT) CL = 15pF f, INPUT FREQUENCY (kHz) 105 104 103 102 10 10 102 103 104 105 TA = 25 oC tr, tf, INPUT RISE AND FALL TIME (ns) SUPPLY VOLTAGE VCC = 5V FREQUENCY (f) = 10kHz 15V; 1MHz 15V; 100kHz 10V; 100kHz 15V; 10kHz 10V; 10kHz 15V; 1kHz 106 107 108 CD4049UB, CD4050B |
Número de pieza similar - CD4049UBDE4 |
|
Descripción similar - CD4049UBDE4 |