Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD4069UBPWE4 Datasheet(PDF) 8 Page - Texas Instruments |
|
CD4069UBPWE4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 30 page Drain-to-Source Voltage (V) 0 5 10 15 20 25 0 2.5 5 7.5 10 12.5 15 17.5 20 D002 Gate-to-Source Voltage = 5 V Gate-to-Source Voltage = 10 V Gate-to-Source Voltage = 15 V Drain-to-Source Voltage (V) -25 -20 -15 -10 -5 0 -40 -35 -30 -25 -20 -15 -10 -5 0 D003 Gate-to-Source Voltage = -5 V Gate-to-Source Voltage = -10 V Gate-to-Source Voltage = -15 V Input Voltage (V) 0 2.5 5 7.5 10 12.5 15 17.5 0 0 2.5 2.5 5 5 7.5 7.5 10 10 12.5 12.5 15 15 17.5 17.5 D035 VDD = 5 V VDD = 10 V VDD = 15 V IO at 5 V IO at 10 V IO at 15 V Drain-to-Source Voltage (V) 0 5 10 15 20 25 0 5 10 15 20 25 30 35 40 D001 Gate-to-Source Voltage = 5 V Gate-to-Source Voltage = 10 V Gate-to-Source Voltage = 15 V Input Voltage (V) 0 2.5 5 7.5 10 12.5 15 17.5 20 22.5 25 0 2.5 5 7.5 10 12.5 15 17.5 20 D033 5-V Min VDD 5-V Max VDD 10-V Min VDD 10-V Max VDD 15-V Min VDD 15-V Max VDD V IN V O Input Voltage (V) 0 2.5 5 7.5 10 12.5 15 17.5 0 2.5 5 7.5 10 12.5 15 17.5 D034 5 V at -55qC 5 V at 125qC 10 V at -55qC 10 V at 125qC 15 V at -55qC 15 V at 125qC 8 CD4069UB SCHS054D – NOVEMBER 1998 – REVISED FEBRUARY 2016 www.ti.com Product Folder Links: CD4069UB Submit Documentation Feedback Copyright © 1998–2016, Texas Instruments Incorporated 6.7 Typical Characteristics Figure 1. Minimum and Maximum Voltage Transfer Characteristics Figure 2. Typical Voltage Transfer Characteristics as a Function of Temperature Figure 3. Typical Current and Voltage Transfer Characteristics Figure 4. Typical Output Low (Sink) Current Characteristics Figure 5. Minimum Output Low (Sink) Current Characteristics Figure 6. Typical Output High (Source) Current Characteristics |
Número de pieza similar - CD4069UBPWE4 |
|
Descripción similar - CD4069UBPWE4 |