Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4073BM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD4073BM
Descripción Electrónicos  CMOS AND Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD4073BM Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4073BM Datasheet HTML 3Page - Texas Instruments CD4073BM Datasheet HTML 4Page - Texas Instruments CD4073BM Datasheet HTML 5Page - Texas Instruments CD4073BM Datasheet HTML 6Page - Texas Instruments CD4073BM Datasheet HTML 7Page - Texas Instruments CD4073BM Datasheet HTML 8Page - Texas Instruments CD4073BM Datasheet HTML 9Page - Texas Instruments CD4073BM Datasheet HTML 10Page - Texas Instruments CD4073BM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4082BM96G4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BMG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BMT
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BMTE4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BMTG4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BNSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BNSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BNSRG4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BPWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BPWG4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BPWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BPWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BPWRG4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
JM38510/17001BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
JM38510/17002BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
JM38510/17003BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 3


Número de pieza similar - CD4073BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4073BM TI-CD4073BM Datasheet
530Kb / 12P
[Old version datasheet]   CMOS AND GATES
CD4073BM TI1-CD4073BM Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
CD4073BM96 TI-CD4073BM96 Datasheet
530Kb / 12P
[Old version datasheet]   CMOS AND GATES
CD4073BM96 TI1-CD4073BM96 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
CD4073BM96E4 TI1-CD4073BM96E4 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
More results

Descripción similar - CD4073BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4081BME4 TI1-CD4081BME4 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
CD4081BF TI-CD4081BF Datasheet
530Kb / 12P
[Old version datasheet]   CMOS AND GATES
logo
Micro Electronics
MMC4081 MICRO-ELECTRONICS-MMC4081 Datasheet
125Kb / 4P
   CMOS AND GATES
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS NAND GATES
logo
R & E International, In...
4071B RANDE-4071B Datasheet
344Kb / 2P
   CMOS OR GATES
logo
Texas Instruments
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com