Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74FCT162827ETPACT Datasheet(PDF) 4 Page - Texas Instruments |
|
74FCT162827ETPACT Datasheet(HTML) 4 Page - Texas Instruments |
4 / 15 page CY74FCT16827T CY74FCT162827T 4 Switching Characteristics Over the Operating Range[12] CY74FCT16827AT CY74FCT162827AT CY74FCT162827BT Parameter Description Condition[13] Min. Max. Min. Max. Unit Fig. No.[13] tPLH tPHL Propagation Delay A to Y CL=50 pF RL=500Ω 1.5 8.0 1.5 5.0 ns 1, 3 CL=300 pF RL=500Ω 1.5 15.0 1.5 13.0 tPZH tPZL Output Enable Time OE to Y CL=50 pF RL=500Ω 1.5 12.0 1.5 8.0 ns 1, 7, 8 CL=300 pF RL=500Ω 1.5 23.0 1.5 15.0 tPHZ tPLZ Output Disable Time OE to Y CL=5 pF RL=500Ω 1.5 9.0 1.5 6.0 ns 1, 7, 8 CL=50 pF RL=500Ω 1.5 10.0 1.5 7.0 tSK(O) Output Skew[14] — 0.5 — 0.5 ns — CY74FCT16827CT CY74FCT162827CT Parameter Description Condition[12] Min. Max. Unit Fig. No.[13] tPLH tPHL Propagation Delay A to Y CL=50 pF RL=500Ω 1.5 4.2 ns 1, 3 CL=300 pF RL=500Ω 1.5 10.0 tPZH tPZL Output Enable Time OE to Y CL=50 pF RL=500Ω 1.5 5.6 ns 1, 7, 8 CL=300 pF RL=500Ω 1.5 14.0 tPHZ tPLZ Output Disable Time OE to Y CL=5 pF RL=500Ω 1.5 5.7 ns 1, 7, 8 CL=50 pF RL=500Ω 1.5 6.0 tSK(O) Output Skew[14] — 0.5 ns — Notes: 12. Minimum limits are specified but not tested on Propagation Delays. 13. See “Parameter Measurement Information” in the General Information section. 14. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design. |
Número de pieza similar - 74FCT162827ETPACT |
|
Descripción similar - 74FCT162827ETPACT |