Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM1707BZKBT3 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza AM1707BZKBT3
Descripción Electrónicos  AM1707 ARM짰 Microprocessor
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM1707BZKBT3 Datasheet(HTML) 2 Page - Texas Instruments

  AM1707BZKBT3 Datasheet HTML 1Page - Texas Instruments AM1707BZKBT3 Datasheet HTML 2Page - Texas Instruments AM1707BZKBT3 Datasheet HTML 3Page - Texas Instruments AM1707BZKBT3 Datasheet HTML 4Page - Texas Instruments AM1707BZKBT3 Datasheet HTML 5Page - Texas Instruments AM1707BZKBT3 Datasheet HTML 6Page - Texas Instruments AM1707BZKBT3 Datasheet HTML 7Page - Texas Instruments AM1707BZKBT3 Datasheet HTML 8Page - Texas Instruments AM1707BZKBT3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 200 page
background image
AM1707
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
– Single-Shot Capture of up to Four Event Time-
• 256-Ball Pb-Free Plastic Ball Grid Array (PBGA)
Stamps
[ZKB Suffix], 1.0-mm Ball Pitch
• Two 32-Bit Enhanced Quadrature Encoder Pulse
• Commercial, Industrial, Automotive, or Extended
(eQEP) Modules
Temperature
1.2
Applications
Industrial Automation
Test and Measurement
Home Automation
Portable Data Terminals
1.3
Description
The device is a low-power ARM microprocessor based on an ARM926EJ-S.
The device enables original-equipment manufacturers (OEMs) and original-design manufacturers (ODMs)
to quickly bring to market devices featuring robust operating systems support, rich user interfaces, and
high processing performance life through the maximum flexibility of a fully integrated mixed processor
solution.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core has a coprocessor 15 (CP15), protection module, and data and program memory
management units (MMUs) with table look-aside buffers. The ARM core has separate 16KB of instruction
and 16-KB data caches. Both memory blocks are four-way associative with virtual index virtual tag (VIVT).
The ARM core also has 8KB of RAM (Vector Table) and 64KB of ROM.
The peripheral set includes: a 10/100 Mbps Ethernet MAC (EMAC) with a management data input/output
(MDIO) module; two I2C Bus interfaces; 3 multichannel audio serial port (McASP) with 16/12/4 serializers
and FIFO buffers; two 64-bit general-purpose timers each configurable (one configurable as watchdog); a
configurable 16-bit host-port interface (HPI); up to 8 banks of 16 pins of general-purpose input/output
(GPIO) with programmable interrupt/event generation modes, multiplexed with other peripherals; three
UART interfaces (one with both RTS and CTS); three enhanced high-resolution pulse width modulator
(eHRPWM) peripherals; three 32-bit enhanced capture (eCAP) module peripherals which can be
configured as 3 capture inputs or 3 auxiliary pulse width modulator (APWM) outputs; two 32-bit enhanced
quadrature encoded pulse (eQEP) peripherals; and 2 external memory interfaces: an asynchronous and
SDRAM external memory interface (EMIFA) for slower memories or peripherals, and a higher speed
memory interface (EMIFB) for SDRAM.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the device and the
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbps and 100 Mbps in either half-
or full-duplex mode. Additionally, an MDIO interface is available for PHY configuration.
The HPI, I2C, SPI, USB1.1, and USB2.0 ports allow the device to easily control peripheral devices and/or
communicate with host processors.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The device has a complete set of development tools for the ARM processor. These include C compilers
and a Windows® debugger interface for visibility into source code execution.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM1707
BGA (256)
17.00 mm x 17.00 mm
(1)
For more information on these devices, see Section 8, Mechanical Packaging and Orderable
Information.
2
AM1707 ARM Microprocessor
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1707


Número de pieza similar - AM1707BZKBT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM1707BZKBT3 TI-AM1707BZKBT3 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707BZKBT3 TI-AM1707BZKBT3 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707BZKBT3 TI-AM1707BZKBT3 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1707BZKBT3 TI-AM1707BZKBT3 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
More results

Descripción similar - AM1707BZKBT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707_1004 TI-AM1707_1004 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1802 TI1-AM1802_16 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com