Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT11867NT Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74ACT11867NT
Descripción Electrónicos  SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11867NT Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11867NT Datasheet HTML 1Page - Texas Instruments 74ACT11867NT Datasheet HTML 2Page - Texas Instruments 74ACT11867NT Datasheet HTML 3Page - Texas Instruments 74ACT11867NT Datasheet HTML 4Page - Texas Instruments 74ACT11867NT Datasheet HTML 5Page - Texas Instruments 74ACT11867NT Datasheet HTML 6Page - Texas Instruments 74ACT11867NT Datasheet HTML 7Page - Texas Instruments 74ACT11867NT Datasheet HTML 8Page - Texas Instruments 74ACT11867NT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74ACT11867
SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER
WITH ASYNCHRONOUS CLEAR
SCAS178A − DECEMBER 1991 − REVISED FEBRUARY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Asynchronous Clear
D Fully Independent Clock Circuit Simplifies
Use
D Flow-Through Architecture Optimizes PCB
Layout
D Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
D EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
μm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
description
The 74ACT11867 is a synchronous presettable
binary
counter
featuring
an
internal
carry
look-ahead for cascading in high-speed counting
applications. Synchronous operation is provided
by having all flip-flops clocked simultaneously so
that the outputs change coincident with each other when so instructed by the count-enable inputs and internal
gating. This mode of operation helps eliminate the output counting spikes that are normally associated with
asynchronous (ripple-clock) counters. A buffered clock (CLK) input triggers the eight flip-flops on the rising
(positive-going) edge of the clock waveform.
The counters are fully programmable; that is, the outputs can each be preset to either logic level. The load-mode
circuitry allows parallel loading of the cascaded counters. As loading is synchronous, selecting the load mode
disables the counter and causes the outputs to agree with the data inputs after the next clock rising edge.
The carry look-ahead circuitry is provided for cascading counters for n-bit synchronous applications without
additional gating. This is done with two count-enable inputs and a carry output. Both count-enable (ENP and
ENT) inputs must be low to count. The direction of the count is determined by the levels of the select (S0 and
S1) inputs (see the function table). Input ENT is fed forward to enable the ripple-carry (RCO) output. RCO then
produces a low-level pulse while the count is zero (all outputs low) when counting down or 255 during counting
up (all outputs high). This low-level overflow carry pulse can be used to enable successive cascaded stages.
Transitions at ENP and ENT are allowed regardless of the level of the clock input.
These counters feature a fully independent clock circuit. Whenever ENP and/or ENT is taken high, RCO either
goes high or remains high. The function of the counter (whether enabled, disabled, loading, or counting) is
dictated solely by the conditions meeting the stable setup and hold times.
The 74ACT11867 is characterized for operation from −40
°C to 85°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
QA
QB
QC
QD
QE
GND
GND
GND
GND
QF
QG
QH
RCO
CLK
DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A
B
C
D
E
F
VCC
VCC
G
H
ENP
ENT
S0
S1


Número de pieza similar - 74ACT11867NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT11867NT TI1-74ACT11867NT Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
More results

Descripción similar - 74ACT11867NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com