Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2902KVQDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2902KVQDR
Descripción Electrónicos  Quadruple Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902KVQDR Datasheet(HTML) 5 Page - Texas Instruments

  LM2902KVQDR Datasheet HTML 1Page - Texas Instruments LM2902KVQDR Datasheet HTML 2Page - Texas Instruments LM2902KVQDR Datasheet HTML 3Page - Texas Instruments LM2902KVQDR Datasheet HTML 4Page - Texas Instruments LM2902KVQDR Datasheet HTML 5Page - Texas Instruments LM2902KVQDR Datasheet HTML 6Page - Texas Instruments LM2902KVQDR Datasheet HTML 7Page - Texas Instruments LM2902KVQDR Datasheet HTML 8Page - Texas Instruments LM2902KVQDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902
LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV
www.ti.com
SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015
6.4 Thermal Information
LMx24, LM2902
LMx24
D (SOIC)
DB
N (PDIP)
NS (SO)
PW
FK
J (CDIP)
W (CFP)
THERMAL METRIC(1)
UNIT
(SSOP)
(TSSOP)
(LCCC)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
20 PINS
14 PINS
14 PINS
RθJA
(2) (3)
Junction-to-
ambient thermal
86
86
80
76
113
resistance
°C/W
RθJC
(4)
Junction-to-case
(top) thermal
5.61
15.05
14.65
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(3)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
Maximum power dissipation is a function of TJ(max), RθJA, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) – TC)/RθJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
6.5 Electrical Characteristics for LMx24 and LM324K
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM124, LM224
LM324, LM324K
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
25°C
3
5
3
7
VCC = 5 V to MAX, VIC = VICRmin,
VIO
Input offset voltage
mV
VO = 1.4 V
Full range
7
9
25°C
2
30
2
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
100
150
25°C
–20
–150
–20
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–300
–500
0 to
0 to
25°C
VCC – 1.5
VCC – 1.5
VICR
Common-mode input voltage range
VCC = 5 V to MAX
V
0 to
0 to
Full range
VCC – 2
VCC – 2
RL = 2 kΩ
25°C
VCC – 1.5
VCC – 1.5
RL = 10 kΩ
25°C
VOH
High-level output voltage
V
RL = 2 kΩ
Full range
26
26
VCC = MAX
RL ≥ 10 kΩ
Full range
27
28
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
25°C
50
100
25
100
VCC = 15 V, VO = 1 V to 11 V,
Large-signal differential voltage
AVD
V/mV
amplification
RL ≥ 2 kΩ
Full range
25
15
CMRR
Common-mode rejection ratio
VIC = VICRmin
25°C
70
80
65
80
dB
Supply-voltage rejection ratio
kSVR
25°C
65
100
65
100
dB
(
ΔVCC /ΔVIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
120
dB
VCC = 15 V,
25°C
–20
–30
–60
–20
–30
–60
VID = 1 V,
Source
Full range
–10
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
20
10
20
VID = –1 V,
Sink
Full range
5
5
VO = 15 V
VID = –1 V, VO = 200 mV
25°C
12
30
12
30
μA
VCC at 5 V, VO = 0,
IOS
Short-circuit output current
25°C
±40
±60
±40
±60
mA
GND at –5 V
VO = 2.5 V, no load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current (four amplifiers)
mA
VCC = MAX, VO = 0.5 VCC,
Full range
1.4
3
1.4
3
no load
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2902 and 30 V for the others.
(2)
Full range is –55°C to 125°C for LM124, –25°C to 85°C for LM224, and 0°C to 70°C for LM324.
(3)
All typical values are at TA = 25°C
Copyright © 1975–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224
LM224A LM2902V LM2902K LM2902KV LM2902KAV


Número de pieza similar - LM2902KVQDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2902KVQDR TI-LM2902KVQDR Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902KVQDR TI1-LM2902KVQDR Datasheet
3Mb / 55P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
LM2902KVQDR TI-LM2902KVQDR Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902KVQDR TI-LM2902KVQDR Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902KVQDR TI-LM2902KVQDR Datasheet
690Kb / 27P
[Old version datasheet]   Quadruple operationl amplifiers
REVISED JANUARY 2005
More results

Descripción similar - LM2902KVQDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com