Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM5726 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
AM5726 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 415 page 5 AM5728, AM5726 www.ti.com SPRS953A – DECEMBER 2015 – REVISED JUNE 2016 Submit Documentation Feedback Product Folder Links: AM5728 AM5726 Revision History Copyright © 2015–2016, Texas Instruments Incorporated 2 Revision History Changes from December 18, 2015 to June 3, 2016 (from * Revision (December 2015) to A Revision) Page • PCIe Specification Revision is updated to version 3.0 ........................................................................... 1 • Ecc support is removed from Figure 1-1 ........................................................................................... 3 • Ecc support is removed from Table 3-1 ........................................................................................... 6 • Added ”Related Products” section .................................................................................................. 8 • Clarification notes are added on rtc_porz and rtc_iso connections ........................................................... 10 • Added footnotes to the vout3_* signals which are muxed on vddshv6 power balls in Table 4-2 Ball Characteristics . 12 • Added footnotes to the vout3_* signals which are muxed on vddshv6 power balls in Table 4-5 DSS Signal Descriptions ........................................................................................................................ 115 • Signal Descriptions updated to remove redundancy .......................................................................... 118 • Text in ESD Ratings table clarified .............................................................................................. 159 • Table 5-3 is updated to show 100k(POH) at 105°C for OPP_NOM. ........................................................ 160 • Note (5) in Table 5-7 is updated ................................................................................................. 165 • “Added “Power Consumption Summary” section .............................................................................. 182 • PCIe Specification Revision is updated to version 3.0 ........................................................................ 190 • Notes 9, 12 and 13 in Figure 5-1 are updated ................................................................................. 194 • Fixed some of the descriptions on GPMC and QSPI Manual Modes names in Table 7-2 “Modes Summary” ....... 213 • Added new Manual Modes for: VOUT1, VOUT2 IOSET1, VOUT2 IOSET2 and VOUT3. Removed DSS_VIRTUAL1 ................................................................................................................... 213 • Removed PRU-ICSS Virtual I/O Modes ........................................................................................ 213 • New Timing information available for: Video Input Ports (VIP), Display Subsystem – Video Output Ports, Multichannel Serial Peripheral Interface (MCSPI), Quad Serial Peripheral Interface (QSPI) and eMMC/SD/SDIO. 213 • Corrected references for McASP Virtual modes in Table 7-2 “Modes Summary” ........................................ 213 • Removed all vin4b_* signals from Table 7-9 Manual Functions Mapping for VIP2 ....................................... 224 • A caution and two notes are added in “Display Subsystem – Video Output Ports“ section stating that VOUT signals are recommended to not use the default SLEWCONTROL settings. Slow SLEWCONTROL should be used instead. ....................................................................................................................... 234 • Flipped the "Parameter" entries for D5 and D6 in Table 7-16 ............................................................... 234 • Added footnotes to the vout3_* signals which muxed on vddshv6 power balls in Table 7-18 VOUT3 IOSETs. ..... 237 • A new caution is added in “Quad Serial Peripheral Interface” subsection ................................................. 280 • QSPI time value Q7 direction on Figure 7-37 through Figure 7-40 is updated to start prior CS ....................... 282 • Added Table 7-53 through Table 7-60 to clarify the MCASP Virtual Timing Mode usage ............................... 292 • An update is performed in the “Peripheral Component Interconnect Express (PCIe)” section. ......................... 307 • Updated/Changed MIN and MAX values for tw(DATAIN) in Table 7-136 and tw(CLOCKOUT) in Table 7-137................. 348 • A clarification note is added in the “PRU-ICSS MII_RT Electrical Data and Timing” section ............................ 351 • Removed section PRU-ICSS Virtual Function Mapping ..................................................................... 361 • In Table 8-1 some of the pins connected to LDO3 and LDO4 are updated ............................................... 377 • Aligning "Device and Documentation Support" section with new flow ...................................................... 406 • Аdded SR 2.0 in Table 9-1 ....................................................................................................... 407 • Updated Yy parameter in Table Nomenclature Description .................................................................. 407 |
Número de pieza similar - AM5726 |
|
Descripción similar - AM5726 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |