Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54LS169 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza 54LS169
Descripción Electrónicos  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54LS169 Datasheet(HTML) 4 Page - Texas Instruments

  54LS169 Datasheet HTML 1Page - Texas Instruments 54LS169 Datasheet HTML 2Page - Texas Instruments 54LS169 Datasheet HTML 3Page - Texas Instruments 54LS169 Datasheet HTML 4Page - Texas Instruments 54LS169 Datasheet HTML 5Page - Texas Instruments 54LS169 Datasheet HTML 6Page - Texas Instruments 54LS169 Datasheet HTML 7Page - Texas Instruments 54LS169 Datasheet HTML 8Page - Texas Instruments 54LS169 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock
25
20
MHz
Frequency
tPLH
Propagation Delay Time
Clock to
35
39
ns
Low to High Level Output
Ripple Carry
tPHL
Propagation Delay Time
Clock to
35
44
ns
High to Low Level Output
Ripple Carry
tPLH
Propagation Delay Time
Clock to
20
24
ns
Low to High Level Output
Any Q
tPHL
Propagation Delay Time
Clock to
23
32
ns
High to Low Level Output
Any Q
tPLH
Propagation Delay Time
Enable T to
18
24
ns
Low to High Level Output
Ripple Carry
tPHL
Propagation Delay Time
Enable T to
18
28
ns
High to Low Level Output
Ripple Carry
tPLH
Propagation Delay Time
UpDown to
25
30
ns
Low to High Level Output
Ripple Carry (Note 1)
tPHL
Propagation Delay Time
UpDown to
29
38
ns
High to Low Level Output
Ripple Carry (Note 1)
Note 1
The propagation delay from UPDOWN to RIPPLE CARRY must be measured with the counter at either a minimum or a maximum count As the logic level
of the updown input is changed the ripple carry output will follow If the count is minimum the ripple carry output transition will be in phase If the count is
maximum the ripple carry output will be out of phase
3


Número de pieza similar - 54LS169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
54LS169DMQB NSC-54LS169DMQB Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
54LS169FMQB NSC-54LS169FMQB Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
54LS169LMQB NSC-54LS169LMQB Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results

Descripción similar - 54LS169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com