Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCH16374ADGGG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza 74LVCH16374ADGGG4
Descripción Electrónicos  16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16374ADGGG4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVCH16374ADGGG4 Datasheet HTML 1Page - Texas Instruments 74LVCH16374ADGGG4 Datasheet HTML 2Page - Texas Instruments 74LVCH16374ADGGG4 Datasheet HTML 3Page - Texas Instruments 74LVCH16374ADGGG4 Datasheet HTML 4Page - Texas Instruments 74LVCH16374ADGGG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16374ADGGG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16374ADGGG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16374ADGGG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16374ADGGG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SN74LVCH16374A
SCAS757B – DECEMBER 2003 – REVISED SEPTEMBER 2014
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
19
2Q5
O
2Q5 Output
20
2Q6
O
2Q6 Output
21
GND
Ground Pin
22
2Q7
O
2Q7 Output
23
2Q8
O
2Q8 Output
24
2OE
I
Output Enable 2
25
2CLK
I
Clock 2 Input
26
2D8
I
2D8 Input
27
2D7
I
2D7 Input
28
GND
Ground Pin
29
2D6
I
2D6 Input
30
2D5
I
2D5 Input
31
VCC
Power Pin
32
2D4
I
2D4 Input
33
2D3
I
2D3 Input
34
GND
Ground Pin
35
2D2
I
2D2 Input
36
2D1
I
2D1 Input
37
1D8
I
1D8 Input
38
1D7
I
1D7 Input
39
GND
Ground Pin
40
1D6
I
1D6 Input
41
1D5
I
1D5 Input
42
VCC
Power Pin
43
1D4
I
1D4 Input
44
1D3
I
1D3 Input
45
GND
Ground Pin
46
1D2
I
1D2 Input
47
1D1
I
1D1 Input
48
1CLK
I
Clock 1 Input
4
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVCH16374A


Número de pieza similar - 74LVCH16374ADGGG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVCH16374ADGG PHILIPS-74LVCH16374ADGG Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH16374ADGG NXP-74LVCH16374ADGG Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
logo
Nexperia B.V. All right...
74LVCH16374ADGG NEXPERIA-74LVCH16374ADGG Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
74LVCH16374ADGG-Q100 NEXPERIA-74LVCH16374ADGG-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
logo
Texas Instruments
74LVCH16374ADGGRG4 TI-74LVCH16374ADGGRG4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Descripción similar - 74LVCH16374ADGGG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI-SN74LVCH16374A_04 Datasheet
300Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16374 PERICOM-PI74ALVCH16374 Datasheet
337Kb / 5P
   16-Bit Edge Triggered D-Type Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ACT16374Q-EP TI-SN74ACT16374Q-EP Datasheet
134Kb / 8P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com