Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5686 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC5686
Descripción Electrónicos  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686 Datasheet(HTML) 2 Page - Texas Instruments

  DAC5686 Datasheet HTML 1Page - Texas Instruments DAC5686 Datasheet HTML 2Page - Texas Instruments DAC5686 Datasheet HTML 3Page - Texas Instruments DAC5686 Datasheet HTML 4Page - Texas Instruments DAC5686 Datasheet HTML 5Page - Texas Instruments DAC5686 Datasheet HTML 6Page - Texas Instruments DAC5686 Datasheet HTML 7Page - Texas Instruments DAC5686 Datasheet HTML 8Page - Texas Instruments DAC5686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
Unmatched gains and offsets at the RF quadrature modulator result in unwanted sideband and local oscillator
feedthrough. Each DAC in the DAC5686 has an 11-bit offset adjustment and 12-bit gain adjustment, which
compensate for quadrature modulator input imbalances, thus reducing RF filtering requirements.
In quadrature modulation mode, on-chip mixing provides baseband-to-IF up-conversion. Mixing frequencies are
flexibly chosen with a 32-bit programmable NCO. Channel carrier selection is performed at baseband by complex
mixing in the ASIC/FPGA. Baseband I and Q from the ASIC/FPGA are input to the DAC5686, which interpolates
the low data-rate signal to higher data rates. The single DAC output from the DAC5686 is the final IF
single-sideband spectrum presented to RF.
The 2×, 4×, 8×, and 16× interpolation filters are implemented as a cascade of half-band 2× interpolation filters.
Unused filters for interpolation rates of less than 16× are shut off to reduce power consumption. The DAC5686
provides a full bypass mode, which enables the user to bypass all the interpolation and mixing.
The DAC5686 PLL clock multiplier controls all internal clocks for the digital filters and the DAC cores. The
differential clock input and internal clock circuitry provides for optimum jitter performance. Sine wave clock input
signal is supported. The PLL can be bypassed by an external clock running at the DAC core update rate. The
clock divider of the PLL ensures that the digital filters operate at the correct clock frequencies.
The DAC5686 operates with an analog supply voltage of 3.3 V and a digital supply voltage of 1.8 V. Digital I/Os
are 1.8-V and 3.3-V CMOS compatible. Power dissipation is 950 mW at maximum operating conditions. The
DAC5686 provides a nominal full-scale differential current output of 20 mA, supporting both single-ended and
differential applications. The output current can be directly fed to the load with no additional external output buffer
required. The device has been specifically designed for a differential transformer-coupled output with a 50-
doubly terminated load. For a 20-mA full-scale output current, both a 4:1 impedance ratio (resulting in an output
power of 4 dBm) and 1:1 impedance ratio transformer (–2-dBm output power) are supported.
The DAC5686 operational modes are configured by programming registers through a serial interface. The serial
interface can be configured to either a 3- or 4-pin interface allowing it to communicate with many
industry-standard microprocessors and microcontrollers. Data (I and Q) can be input to the DAC5686 as
separate parallel streams on two data buses, or as a single interleaved data stream on one data bus.
An accurate on-chip 1.2-V temperature-compensated band-gap reference and control amplifier allows the user to
adjust the full-scale output current from 20 mA down to 2 mA. This provides 20-dB gain range control
capabilities. Alternatively, an external reference voltage can be applied for maximum flexibility. The device
features a SLEEP mode, which reduces the standby power to approximately 10 mW, thereby minimizing the
system power consumption.
The DAC5686 is available in a 100-pin HTQFP package. The device is characterized for operation over the
industrial temperature range of –40C to 85C.
ORDERING INFORMATION
TA
PACKAGE DEVICES
100 HTQFP(1) (PZP) PowerPAD™ plastic quad flatpack
–40C to 85C
DAC5686IPZP
(1)
Thermal pad size: 6 mm × 6 mm
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686


Número de pieza similar - DAC5686

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686IPZP TI-DAC5686IPZP Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC5686

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
[Old version datasheet]   16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com