Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD54HC45111 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza CD54HC45111
Descripción Electrónicos  BCD-TO-7 Segment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC45111 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC45111_15 Datasheet HTML 1Page - Texas Instruments CD54HC45111_15 Datasheet HTML 2Page - Texas Instruments CD54HC45111_15 Datasheet HTML 3Page - Texas Instruments CD54HC45111_15 Datasheet HTML 4Page - Texas Instruments CD54HC45111_15 Datasheet HTML 5Page - Texas Instruments CD54HC45111_15 Datasheet HTML 6Page - Texas Instruments CD54HC45111_15 Datasheet HTML 7Page - Texas Instruments CD54HC45111_15 Datasheet HTML 8Page - Texas Instruments CD54HC45111_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation (’HC4511)
D 4.5-V to 5.5-V VCC Operation
(CD74HCT4511)
D High-Output Sourcing Capability
− 7.5 mA at 4.5 V (CD74HCT4511)
− 10 mA at 6 V (’HC4511)
D Input Latches for BCD Code Storage
D Lamp Test and Blanking Capability
D Balanced Propagation Delays and
Transition Times
D Significant Power Reduction Compared to
LSTTL Logic ICs
D ’HC4511
− High Noise Immunity,
NIL or NIH = 30% of VCC at VCC = 5 V
D CD74HCT4511
− Direct LSTTL Input Logic Compatibility,
VIL = 0.8 V Maximum, VIH = 2 V Minimum
− CMOS Input Compatibility, II ≤ 1 µA
at VOL, VOH
description/ordering information
The CD54HC4511, CD74HC4511, and CD74HCT4511 are BCD-to-7 segment latch/decoder/drivers with four
address inputs (D0−D3), an active-low blanking (BL) input, lamp-test (LT) input, and a latch-enable (LE) input
that, when high, enables the latches to store the BCD inputs. When LE is low, the latches are disabled, making
the outputs transparent to the BCD inputs.
These devices have standard-size output transistors, but are capable of sourcing (at standard VOH levels) up
to 7.5 mA at 4.5 V. The HC types can supply up to 10 mA at 6 V.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − E
Tube of 25
CD74HC4511E
CD74HC4511E
PDIP − E
Tube of 25
CD74HCT4511E
CD74HCT4511E
Tube of 40
CD74HC4511M
−55
°C to 125°C
SOIC − M
Reel of 2500
CD74HC4511M96
HC4511M
−55
°C to 125°C
SOIC − M
Reel of 250
CD74HC4511MT
HC4511M
TSSOP − PW
Reel of 2000
CD74HC4511PWR
HJ4511
TSSOP − PW
Reel of 250
CD74HC4511PWT
HJ4511
CDIP − F
Tube of 25
CD54HC4511F3A
CD54HC4511F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D1
D2
LT
BL
LE
D3
D0
GND
VCC
f
g
a
b
c
d
e
BCD
Inputs
BCD
Inputs
7-Segment
Outputs
CD54HC4511 ...F PACKAGE
CD74HC4511 . . . E, M, OR PW PACKAGE
CD74HCT4511 ...E PACKAGE
(TOP VIEW)
01
2
3
4
5
6
7
8
9
DISPLAY
a
b
c
d
e
fg
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Número de pieza similar - CD54HC45111_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4511 TI-CD54HC4511 Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
CD54HC4511F3A TI-CD54HC4511F3A Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
More results

Descripción similar - CD54HC45111_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MM74C48 FAIRCHILD-MM74C48 Datasheet
57Kb / 6P
   BCD-to-7 Segment Decoder
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
MM54C48 NSC-MM54C48 Datasheet
130Kb / 6P
   BCD-to-7 Segment Decoder
54LS48 NSC-54LS48 Datasheet
95Kb / 4P
   BCD TO 7-SEGMENT DECODER
LS248 NSC-LS248 Datasheet
67Kb / 3P
   BCD TO 7-SEGMENT DECODER
DM74LS48 NSC-DM74LS48 Datasheet
119Kb / 6P
   BCD to 7-Segment Decoder
January 1992
logo
Motorola, Inc
SN54LS48 MOTOROLA-SN54LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com