Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HCT08M96 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD74HCT08M96 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 18 page 1 Data sheet acquired from Harris Semiconductor SCHS118C Features • Buffered Inputs • Typical Propagation Delay: 7ns at VCC = 5V, CL = 15pF, TA = 25 oC • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) • CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The CD54HC08, CD54HCT08, CD74HC08, and CD74HCT08 logic gates utilize silicon gate CMOS technology to achieve operating speeds similar to LSTTL gates with the low power consumption of standard CMOS integrated circuits. All devices have the ability to drive 10 LSTTL loads. The 74HCT logic family is functionally pin compatible with the standard 74LS logic family. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC08F3A -55 to 125 14 Ld CERDIP CD54HCT08F3A -55 to 125 14 Ld CERDIP CD74HC08E -55 to 125 14 Ld PDIP CD74HC08M -55 to 125 14 Ld SOIC CD74HC08MT -55 to 125 14 Ld SOIC CD74HC08M96 -55 to 125 14 Ld SOIC CD74HC08PW -55 to 125 14 Ld TSSOP CD74HC08PWR -55 to 125 14 Ld TSSOP CD74HCT08E -55 to 125 14 Ld PDIP CD74HCT08M -55 to 125 14 Ld SOIC CD74HCT08MT -55 to 125 14 Ld SOIC CD74HCT08M96 -55 to 125 14 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and reel. The suffix T denotes a small-quantity reel of 250. August 1997 - Revised July 2004 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2004, Texas Instruments Incorporated CD54HC08, CD74HC08, CD54HCT08, CD74HCT08 High-Speed CMOS Logic Quad 2-Input AND Gate [ /Title (CD54H C08, CD54H CT08, CD74H C08, CD74H CT08) /Sub- ject (High |
Número de pieza similar - CD74HCT08M96 |
|
Descripción similar - CD74HCT08M96 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |