Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC30M96 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC30M96
Descripción Electrónicos  High Speed CMOS Logic 8-Input NAND Gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC30M96 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC30M96 Datasheet HTML 1Page - Texas Instruments CD74HC30M96 Datasheet HTML 2Page - Texas Instruments CD74HC30M96 Datasheet HTML 3Page - Texas Instruments CD74HC30M96 Datasheet HTML 4Page - Texas Instruments CD74HC30M96 Datasheet HTML 5Page - Texas Instruments CD74HC30M96 Datasheet HTML 6Page - Texas Instruments CD74HC30M96 Datasheet HTML 7Page - Texas Instruments CD74HC30M96 Datasheet HTML 8Page - Texas Instruments CD74HC30M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
2
-
20
-
40
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
-0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC
and
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
2
-
20
-
40
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
(Note 2)
∆ICC
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO +85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
All
0.6
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g. 360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay, Input to
Output (Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
130
-
165
-
195
ns
4.5
-
-
26
-
33
-
39
ns
6
-
-
22
-
28
-
33
ns
Propagation Delay, Data Input to
Output Y
tPLH, tPHL CL = 15pF
5
-
10
-
----
ns
CD54/74HC30, CD54/74HCT30


Número de pieza similar - CD74HC30M96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC30M96 TI-CD74HC30M96 Datasheet
349Kb / 13P
[Old version datasheet]   High Speed CMOS Logic 8-Input NAND Gate
More results

Descripción similar - CD74HC30M96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC30 TI-CD74HC30 Datasheet
349Kb / 13P
[Old version datasheet]   High Speed CMOS Logic 8-Input NAND Gate
CD54HC10 TI1-CD54HC10_14 Datasheet
614Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC20 TI-CD54HC20 Datasheet
257Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD74HCT20EE4 TI1-CD74HCT20EE4 Datasheet
603Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC10 TI-CD54HC10_03 Datasheet
32Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com