Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC14 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC14
Descripción Electrónicos  High-Speed CMOS Logic Hex Inverting Schmitt Trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC14 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC14 Datasheet HTML 3Page - Texas Instruments CD74HC14 Datasheet HTML 4Page - Texas Instruments CD74HC14 Datasheet HTML 5Page - Texas Instruments CD74HC14 Datasheet HTML 6Page - Texas Instruments CD74HC14 Datasheet HTML 7Page - Texas Instruments CD74HC14 Datasheet HTML 8Page - Texas Instruments CD74HC14 Datasheet HTML 9Page - Texas Instruments CD74HC14 Datasheet HTML 10Page - Texas Instruments CD74HC14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD74HCT14E
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD74HCT14E
CD74HCT14M
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT14M
CD74HCT14M96
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT14M
CD74HCT14M96E4
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT14M
CD74HCT14M96G4
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT14M
CD74HCT14ME4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT14M
CD74HCT14MG4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT14M
CD74HCT14MT
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT14M
CD74HCT14PW
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HK14
CD74HCT14PWR
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HK14
CD74HCT14PWRG4
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HK14
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Número de pieza similar - CD74HC14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14 TI-CD74HC14 Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14 TI-CD74HC14 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14 TI-CD74HC14 Datasheet
587Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC147 TI-CD74HC147 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 10-to-4 Line Priority Encoder
More results

Descripción similar - CD74HC14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14MG4 TI-CD74HC14MG4 Datasheet
587Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14 Datasheet
103Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
   High-Speed Cmos Logic Hex Inverting Schmitt Trigger
logo
Texas Instruments
CD54HC14 TI-CD54HC14 Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14_15 Datasheet
237Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HC14 UTC-U74HC14_15 Datasheet
198Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14PWRG4 TI-CD74HC14PWRG4 Datasheet
596Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com