Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDC2516DGGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDC2516DGGR
Descripción Electrónicos  3.3V Phase- Lock Loop Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2516DGGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC2516DGGR Datasheet HTML 5Page - Texas Instruments CDC2516DGGR Datasheet HTML 6Page - Texas Instruments CDC2516DGGR Datasheet HTML 7Page - Texas Instruments CDC2516DGGR Datasheet HTML 8Page - Texas Instruments CDC2516DGGR Datasheet HTML 9Page - Texas Instruments CDC2516DGGR Datasheet HTML 10Page - Texas Instruments CDC2516DGGR Datasheet HTML 11Page - Texas Instruments CDC2516DGGR Datasheet HTML 12Page - Texas Instruments CDC2516DGGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CDC2516
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS579C − OCTOBER 1996 − REVISED DECEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
PHASE ERROR
vs
CLOCK FREQUENCY
−400
−600
−800
−1000
55
95
fclk − Clock Frequency − MHz
−300
−500
−700
−900
75
115
135
VDD = 3.3 V
TA = 25°C
−200
0
35
−100
Figure 4
VDD = 3.3 V
CL = 30 pF
OUTPUT DUTY CYCLE
vs
CLOCK FREQUENCY
57%
53%
51%
47%
43%
55%
49%
45%
50
70
110
fclk − Clock Frequency − MHz
90
130
30
Figure 5
ANALOG SUPPLY CURRENT
vs
CLOCK FREQUENCY
25
6
4
2
0
35
45
55
85
95
fclk − Clock Frequency − MHz
75
7
5
3
1
65
105 115 125
8
9
VDD = 3.3 V
TA = 25°C
Figure 6
DYNAMIC SUPPLY CURRENT
vs
CLOCK FREQUENCY
300
200
100
0
fclk − Clock Frequency − MHz
350
250
150
50
400
450
500
0
20
40
60
120
140
100
80
VCC = 3.6 V
Bias = 0/3 V
CL = 30 pF to GND
TA = 25°C


Número de pieza similar - CDC2516DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDC2516DGG TI-CDC2516DGG Datasheet
160Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Descripción similar - CDC2516DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com