Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDCE913-Q1 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CDCE913-Q1 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 27 page CDCE913-Q1 CDCEL913-Q1 SCAS918A – JUNE 2013 www.ti.com TIMING REQUIREMENTS over recommended ranges of supply voltage, load, and operating free-air temperature MIN NOM MAX UNIT CLK_IN REQUIREMENTS PLL bypass mode 0 160 fCLK LVCMOS clock input frequency MHz PLL mode 8 160 tr, tf Rise and fall time CLK signal (20% to 80%) 3 ns Duty cycle CLK at VDD 2 40% 60% STANDARD FAST MODE MODE UNIT MIN MAX MIN MAX SDA/SCL TIMING REQUIREMENTS (see Figure 12) fSCL SCL clock frequency 0 100 0 400 kHz tsu(START) START setup time (SCL high before SDA low) 4.7 0.6 μs th(START) START hold time (SCL low after SDA low) 4 0.6 μs tw(SCLL) SCL low-pulse duration 4.7 1.3 μs tw(SCLH) SCL high-pulse duration 4 0.6 μs th(SDA) SDA hold time (SDA valid after SCL low) 0 3.45 0 0.9 μs tsu(SDA) SDA setup time 250 100 ns tr SCL/SDA input rise time 1000 300 ns tf SCL/SDA input fall time 300 300 ns tsu(STOP) STOP setup time 4 0.6 μs tBUS Bus free time between a STOP and START condition 4.7 1.3 μs 6 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: CDCE913-Q1 CDCEL913-Q1 |
Número de pieza similar - CDCE913-Q1 |
|
Descripción similar - CDCE913-Q1 |