Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDC421125RGETG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
CDC421125RGETG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 9 page www.ti.com RECOMMENDED OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS CDC421xxx SLAS540 – APRIL 2007 over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VCC Supply voltage 3 3.3 3.6 V TA Ambient temperature, no airflow, no heat sink –40 85 °C over recommended operating conditions for CDC421xxx device PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VCC Supply voltage 3 3.3 3.6 V IVCC Total current at 3.3 V 3.3 V, 312.5 MHz 91 110 mA LVPECL OUTPUT fCLK Output frequency 100 312.5 MHz VOH LVPECL high-level output voltage VCC – 1.20 VCC – 0.81 V VOL LVPECL low-level output voltage VCC – 2.17 VCC – 1.36 V |VOD| LVPECL differential output voltage 407 1076 mV tr Output rise time 20% to 80% of VOUTpp 170 ps tf Output fall time 80% to 20% of VOUTpp 170 ps Duty cycle of the output waveform 45% 55% LVCMOS INPUT VIL,CMOS Low-level CMOS input voltage VCC = 3.3 V 0.3 VCC V VIH,CMOS High-level CMOS input voltage VCC = 3.3 V 0.7 VCC V IL,CMOS Low-level CMOS input current VCC = VCC max, VIL = 0 V –200 µA IH,CMOS High-level CMOS input current VCC = VCC min, VIH = 3.7 V 200 µA 4 Submit Documentation Feedback |
Número de pieza similar - CDC421125RGETG4 |
|
Descripción similar - CDC421125RGETG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |