Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7266BSU Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7266BSU
Descripción Electrónicos  Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7266BSU Datasheet(HTML) 1 Page - Analog Devices

  AD7266BSU Datasheet HTML 1Page - Analog Devices AD7266BSU Datasheet HTML 2Page - Analog Devices AD7266BSU Datasheet HTML 3Page - Analog Devices AD7266BSU Datasheet HTML 4Page - Analog Devices AD7266BSU Datasheet HTML 5Page - Analog Devices AD7266BSU Datasheet HTML 6Page - Analog Devices AD7266BSU Datasheet HTML 7Page - Analog Devices AD7266BSU Datasheet HTML 8Page - Analog Devices AD7266BSU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Differential Input, Dual 2 MSPS,
12-Bit, 3-Channel SAR ADC
Preliminary Technical Data
AD7266
FEATURES
Dual 12-bit, 3-channel ADC
Fast throughput rate: 2 MSPS
Specified for VDD of 2.7 V to 5.25 V
Low power: 12 mW max at 1.5 MSPS with 3 V supplies
30 mW max at 2 MSPS with 5 V supplies
Wide input bandwidth
70 dB SNR at 100 kHz input frequency
On-chip reference: 2.5 V
–40°C to +125°C operation
Flexible power/throughput rate management
Simultaneous conversion/read
No pipeline delays
High speed serial interface SPI®/QSPI™/MICROWIRE™/DSP
compatible
Shutdown mode: 1 µA max
32-lead LFCSP and TQFP packages
GENERAL DESCRIPTION
The AD72661 is a dual, 12-bit, high speed, low power, successive
approximation ADC that operates from a single 2.7 V to 5.25 V
power supply and features throughput rates up to 2 MSPS. The
device contains two ADCs, each preceded by a 3-channel multi-
plexer, and a low noise, wide bandwidth track-and-hold amplifier
that can handle input frequencies in excess of 10 MHz.
The conversion process and data acquisition are controlled using
standard control inputs, allowing easy interfacing to microproces-
sors or DSPs. The input signal is sampled on the falling edge of CS;
conversion is also initiated at this point. The conversion time is
determined by the SCLK frequency. There are no pipelined delays
associated with the part.
The AD7266 uses advanced design techniques to achieve very low
power dissipation at high throughput rates. With 5 V supplies and a
2 MSPS throughput rate, the part consumes 4 mA maximum. The
part also offers flexible power/throughput rate management when
operating in sleep mode.
The analog input range for the part can be selected to be a 0 V to
VREF range or a 2VREF range with either straight binary or twos
complement output coding. The AD7266 has an on-chip 2.5 V
reference that can be overdriven if an external reference is pre-
ferred. This external reference range is 100 mV to 2.5 V. The
AD7266 is available in 32-lead lead frame chip scale (LFCSP) and
thin quad flat (TQFP) packages.
Rev. PrG
1Protected by U.S. Patent No. 6,681,332.
FUNCTIONAL BLOCK DIAGRAM
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
DOUTA
OUTPUT
DRIVERS
CONTROL
LOGIC
T/H
BUF
VA1
VA2
VA3
VA4
VA5
VA6
MUX
REF
AD7266
VDRIVE
REF SELECT
DCAPA
AVDD
DVDD
BUF
DOUTB
OUTPUT
DRIVERS
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
VB1
VB2
VB3
VB4
VB5
VB6
MUX
AGND AGND AGND DCAPB
DGND
DGND
CS
SCLK
RANGE
SGL/DIFF
A0
A1
A2
Figure 1
PRODUCT HIGHLIGHTS
1.
The AD7266 features two complete ADC functions that allow
simultaneous sampling and conversion of two channels. Each
ADC has 2 analog inputs, 3 fully differential pairs, or 6 single-
ended channels as programmed. The conversion result of both
channels is available simultaneously on separate data lines, or
in succession on one data line if only one serial port is
available.
2.
High Throughput with Low Power Consumption
The AD7266 offers a 1.5 MSPS throughput rate with 8 mW
maximum power consumption when operating at 3 V.
3.
Flexible Power/Throughput Rate Management
The conversion rate is determined by the serial clock, allowing
power consumption to be reduced as conversion time is re-
duced through an SCLK frequency increase. Power efficiency
can be maximized at lower throughput rates if the part enters
sleep between conversions.
4.
No Pipeline Delay
The part features two standard successive approximation
ADCs with accurate control of the sampling instant via a CS
input and once off conversion control.
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.


Número de pieza similar - AD7266BSU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
AD7266BSUZ AD-AD7266BSUZ Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
More results

Descripción similar - AD7266BSU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com