Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33063ADR2G Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

No. de pieza MC33063ADR2G
Descripción Electrónicos  Switching Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MC33063ADR2G Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  MC33063ADR2G Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Type
4
IC
.
170 H
L
8
180
7
R sc
0.22
6
Vin
12 V
100
+
5
R1 2.2 k
R2
47 k
S Q
R
Q2
Q1
Ipk
OSC
C T
VCC
+
Comp.
1.25 V
Ref
Reg
1
2
3
4
1N5819
CT
1500
pF
330
C O
+
Vout
28 V/175 mA
Vout
1.0 H
+
100
Optional Filter
Test
Conditions
Results
Line Regulation
Vin = 8.0 V to 16 V, IO = 175 mA
30 mV = ± 0.05%
Load Regulation
Vin = 12 V, IO = 75 mA to 175 mA
10 mV = ± 0.017%
Output Ripple
Vin = 12 V, IO = 175 mA
400 mVpp
Efficiency
Vin = 12 V, IO = 175 mA
87.7%
Output Ripple With Optional Filter
Vin = 12 V, IO = 175 mA
40 mVpp
Figure 8. Step−Up Converter
Typical Characterisitics
h
c
ti
w
S
d
e
t
a
r
u
t
a
S
N
P
N
l
a
n
r
e
t
x
E
.
b
9
h
c
ti
w
S
N
P
N
l
a
n
r
e
t
x
E
.
a
9
8
7
6
R sc
Vin
1
2
Vout
R
R
0 for
constant Vin
8
7
6
R sc
Vin
1
2
Vout
Figure 9. External Current Boost Connections for IC Peak Greater than 1.5 A
Switching Regulators
MC33063A


Número de pieza similar - MC33063ADR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Descripción similar - MC33063ADR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
SD3814-1R2-R COOPER-SD3814-1R2-R Datasheet
372Kb / 4P
   Switching Regulators
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
IL2596-XX IKSEMICON-IL2596-XX Datasheet
587Kb / 12P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com