Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCLVP111MVFREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCLVP111MVFREP
Descripción Electrónicos  LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111MVFREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVP111MVFREP Datasheet HTML 2Page - Texas Instruments CDCLVP111MVFREP Datasheet HTML 3Page - Texas Instruments CDCLVP111MVFREP Datasheet HTML 4Page - Texas Instruments CDCLVP111MVFREP Datasheet HTML 5Page - Texas Instruments CDCLVP111MVFREP Datasheet HTML 6Page - Texas Instruments CDCLVP111MVFREP Datasheet HTML 7Page - Texas Instruments CDCLVP111MVFREP Datasheet HTML 8Page - Texas Instruments CDCLVP111MVFREP Datasheet HTML 9Page - Texas Instruments CDCLVP111MVFREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IL
IH
V
V
-
CDCLVP111-EP
SCAS933 – DECEMBER 2012
www.ti.com
LVECL DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = 0 V, VEE = -2.375 V to -3.8 V over operating temperature range TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply internal
IEE
Absolute value of current
–55°C, 25°C, 125°C
35
85
mA
current
–55°C, 25°C
385
Output and internal
ICC
All outputs terminated 50
Ω to VCC – 2 V
mA
supply current
125°C
405
Includes pullup/pulldown resistors,
IIN
Input current
–55°C, 25°C, 125°C
–150
150
μA
VIH = VCC, VIL = VCC - 2 V
For VEE = –3 to –3.8 V,
–55°C, 25°C, 125°C
–1.45
–1.3
–1.125
IBB = –0.2 mA
Internally generated
VBB
V
bias voltage
VEE = –2.375 to –2.75 V,
–55°C, 25°C, 125°C
–1.4
–1.25
–1.1
IBB = –0.2 mA
High-level input
VIH
–55°C, 25°C, 125°C
–1.165
–0.88
V
voltage (CLK_SEL)
Low-level input
VIL
–55°C, 25°C, 125°C
–1.81
–1.475
V
voltage (CLK_SEL)
Input amplitude
VID
–55°C, 25°C, 125°C
0.5
1.3
V
(CLKn, CLKn)
Difference of input, See (1)
Common-mode
VCM
DC offset relative to VEE
–55°C, 25°C, 125°C
VEE + 1
–0.3
V
voltage (CLKn, CLKn)
–55°C
–1.26
–0.85
High-level output
VOH
IOH = –21 mA
25°C
–1.2
–0.85
V
voltage
125°C
–1.15
–0.8
25°C
–1.85
–1.425
Low-level output
VOL
IOL = –5 mA
V
voltage
–55°C, 125°C
–1.85
–1.25
Differential output
Terminated with 50
Ω to
VOD
–55°C, 25°C, 125°C
400
mV
voltage swing
VCC –2 V, See Figure 4
(1)
VID minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VID of 100 mV.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :CDCLVP111-EP


Número de pieza similar - CDCLVP111MVFREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI1-CDCLVP111 Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results

Descripción similar - CDCLVP111MVFREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com