Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD17575Q3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD17575Q3
Descripción Electrónicos  30V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17575Q3 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17575Q3 Datasheet HTML 1Page - Texas Instruments CSD17575Q3 Datasheet HTML 2Page - Texas Instruments CSD17575Q3 Datasheet HTML 3Page - Texas Instruments CSD17575Q3 Datasheet HTML 4Page - Texas Instruments CSD17575Q3 Datasheet HTML 5Page - Texas Instruments CSD17575Q3 Datasheet HTML 6Page - Texas Instruments CSD17575Q3 Datasheet HTML 7Page - Texas Instruments CSD17575Q3 Datasheet HTML 8Page - Texas Instruments CSD17575Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 25A
TC = 125°C,I D = 25A
G001
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
Qg - Gate Charge (nC)
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0095-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD17575Q3
SLPS489A – JUNE 2014 – REVISED AUGUST 2014
CSD17575Q3 30-V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low RDS(on)
VDS
Drain-to-Source Voltage
30
V
Low Thermal Resistance
Qg
Gate Charge Total (4.5V)
23
nC
Qgd
Gate Charge Gate-to-Drain
5.4
nC
Avalanche Rated
VGS = 4.5 V
2.6
Pb Free Terminal Plating
Drain-to-Source On-
RDS(on)
m
Resistance
VGS = 10 V
1.9
RoHS Compliant
Vth
Threshold Voltage
1.4
V
Halogen Free
SON 3.3 mm × 3.3 mm Plastic Package
.
Ordering Information(1)
2 Applications
Device
Media
Qty
Package
Ship
CSD17575Q3
13-Inch Reel
2500
Point of Load Synchronous Buck Converter for
SON 3.3 × 3.3 mm
Tape and
Plastic Package
Reel
CSD17575Q3T
13-Inch Reel
250
Applications in Networking, Telecom, and
Computing Systems
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Optimized for Synchronous FET Applications
Absolute Maximum Ratings
3 Description
TA = 25°C
VALUE
UNIT
This 1.9 m
Ω, 30 V, SON 3×3 NexFET™ power
VDS
Drain-to-Source Voltage
30
V
MOSFET is designed to minimize losses in power
VGS
Gate-to-Source Voltage
±20
V
conversion applications.
Continuous Drain Current (Package Limit)
60
Top View
Continuous Drain Current (Silicon Limit),
ID
182
A
TC = 25°C
Continuous Drain Current(1)
27
IDM
Pulsed Drain Current(2)
240
A
Power Dissipation(1)
2.8
PD
W
Power Dissipation, TC = 25°C
108
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
115
mJ
ID = 48, L = 0.1 mH, RG = 25 Ω
(1) Typical RθJA = 45°C/W on 1-inch
2 Cu (2 oz.) on 0.060-inch
thick FR4 PCB.
(2) Max RθJC = 1.5°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - CSD17575Q3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD17575Q3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com