Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD23382F4T Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD23382F4T
Descripción Electrónicos  12 V P-Channel FemtoFET MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23382F4T Datasheet(HTML) 2 Page - Texas Instruments

  CSD23382F4T Datasheet HTML 1Page - Texas Instruments CSD23382F4T Datasheet HTML 2Page - Texas Instruments CSD23382F4T Datasheet HTML 3Page - Texas Instruments CSD23382F4T Datasheet HTML 4Page - Texas Instruments CSD23382F4T Datasheet HTML 5Page - Texas Instruments CSD23382F4T Datasheet HTML 6Page - Texas Instruments CSD23382F4T Datasheet HTML 7Page - Texas Instruments CSD23382F4T Datasheet HTML 8Page - Texas Instruments CSD23382F4T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD23382F4
SLPS453C – MAY 2014 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical, Packaging, and Orderable
4
Revision History..................................................... 2
Information ............................................................. 8
5
Specifications......................................................... 3
7.1
Mechanical Dimensions ............................................ 8
5.1
Electrical Characteristics........................................... 3
7.2
Recommended Minimum PCB Layout...................... 9
5.2
Thermal Information .................................................. 3
7.3
Recommended Stencil Pattern ................................. 9
5.3
Typical MOSFET Characteristics .............................. 4
7.4
CSD23382F4 Embossed Carrier Tape
6
Device and Documentation Support.................... 7
Dimensions .............................................................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (July 2014) to Revision C
Page
Corrected timing VDS to read –6 V ......................................................................................................................................... 3
Changes from Revision A (June 2014) to Revision B
Page
Corrected capacitance units to read pF in Figure 5 ............................................................................................................... 5
Changes from Original (May 2014) to Revision A
Page
Changed device status to production ..................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD23382F4


Número de pieza similar - CSD23382F4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
More results

Descripción similar - CSD23382F4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com