Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD25304W1015 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD25304W1015
Descripción Electrónicos  20V P-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25304W1015 Datasheet(HTML) 1 Page - Texas Instruments

  CSD25304W1015 Datasheet HTML 1Page - Texas Instruments CSD25304W1015 Datasheet HTML 2Page - Texas Instruments CSD25304W1015 Datasheet HTML 3Page - Texas Instruments CSD25304W1015 Datasheet HTML 4Page - Texas Instruments CSD25304W1015 Datasheet HTML 5Page - Texas Instruments CSD25304W1015 Datasheet HTML 6Page - Texas Instruments CSD25304W1015 Datasheet HTML 7Page - Texas Instruments CSD25304W1015 Datasheet HTML 8Page - Texas Instruments CSD25304W1015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
− V
GS - Gate-to- Source Voltage (V)
TC = 25°C,I D = −1.5 A
TC = 125°C,I D = −1.5 A
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
3
3.5
Qg - Gate Charge (nC)
ID = −1.5A
VDS = −10V
G001
P0099-01
D
D
S
G
S
S
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD25304W1015
SLPS510A – JULY 2014 – REVISED AUGUST 2014
CSD25304W1015 20-V P-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Small Footprint
VDS
Drain-to-Source Voltage
–20
V
Low Profile 0.62 mm Height
Qg
Gate Charge Total (4.5 V)
3.3
nC
Qgd
Gate Charge Gate-to-Drain
0.5
nC
Pb Free
VGS = –1.8 V
65
m
RoHS Compliant
Drain-to-Source On-
RDS(on)
VGS = –2.5 V
36
m
Resistance
Halogen Free
VGS = –4.5 V
27
m
CSP 1 × 1.5 mm Wafer Level Package
VGS(th)
Voltage Threshold
–0.8
V
2 Applications
Ordering Information(1)
Battery Management
Device
Qty
Media
Package
Ship
Load Switch
CSD25304W1015
3000
7-Inch Reel
1.0 mm × 1.5 mm
Tape and
Wafer Level
Reel
Battery Protection
CSD25304W1015T
250
7-Inch Reel
Package
(1) For all available packages, see the orderable addendum at
3 Description
the end of the data sheet.
This 27 m
Ω, –20 V, P-Channel device is designed to
deliver the lowest on-resistance and gate charge in a
Absolute Maximum Ratings
small 1.0 × 1.5 mm outline with excellent thermal
TA = 25°C
VALUE
UNIT
characteristics in an ultra-low profile.
VDS
Drain-to-Source Voltage
–20
V
VGS
Gate-to-Source Voltage
±8
V
Top View
ID
Continuous Drain Current(1)
–3.0
A
IDM
Pulsed Drain Current(2)
–41
A
PD
Power Dissipation
0.75
W
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
(1) Device operating at a temperature of 105ºC
(2) Typ RθJA = 165°C/W, Pulse width ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - CSD25304W1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
[Old version datasheet]   CSD25304W1015 20-V P-Channel NexFET Power MOSFET
More results

Descripción similar - CSD25304W1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD25202W15 TI1-CSD25202W15 Datasheet
416Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
[Old version datasheet]   Dual 20V Common Source P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75301W1015 TI-CSD75301W1015 Datasheet
148Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com