Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8033AR-REEL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8033AR-REEL7
Descripción Electrónicos  Low Cost, 80 MHz FastFET ??Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8033AR-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8033AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 10Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 11Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 12Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 13Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
–10–
AD8033/AD8034
2mV/DIV
1.5 s/DIV
VOUT – 2VIN
VIN = 1V
t = 0
+0.1%
–0.1%
TPC 25. Long-Term Settling Time
TEMPERATURE – C
20
85
25
30
35
40
45
50
55
60
65
70
75
80
0
–40
–20
–25
–30
–35
–10
–15
–5
+Ib
–Ib
TPC 26. Ib vs. Temperature
–Ib
+Ib
–Ib
+Ib
BJT INPUT RANGE
FET INPUT RANGE
COMMON-MODE VOLTAGE – V
–12 –10
–8
–6
–4
–2
02468
10
12
10
5
0
–5
–10
–15
–20
–25
–30
0
6
12
18
24
30
36
42
TPC 27. Input Bias Current vs. Common-Mode
Voltage Range
2mV/DIV
20ns/DIV
VIN = 1V
t = 0
+0.1%
–0.1%
VOUT – 2VIN
TPC 28. 0.1% Short-Term Settling Time
TEMPERATURE – C
7.0
6.4
5.9
–40
–20
020
406080
6.9
6.7
6.2
6.0
6.6
6.8
6.5
6.3
6.1
VS =
12V
VS = +5V
VS =
5V
TPC 29. Quiescent Supply Current vs. Tempera-
ture
for Various Supply Voltages
4.0
.50
–1.0
–14
12
–12 –10 –8
–6
–4
–2
0
2
4
6
8
10
3.5
1.0
0
–.50
2.5
1.5
3.0
2.0
14
VS = 12V
VS = 5V
VS = +5V
COMMON-MODE VOLTAGE – V
TPC 30. Input Offset Voltage vs. Common-
Mode Voltage


Número de pieza similar - AD8033AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8033AR-REEL7 AD-AD8033AR-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AR-REEL7 AD-AD8033AR-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results

Descripción similar - AD8033AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com