Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD13HBH Datasheet(PDF) 6 Page - Jianghai Europe GmbH

No. de pieza CD13HBH
Descripción Electrónicos  4000h at 85C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGHAI [Jianghai Europe GmbH]
Página de inicio  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD13HBH Datasheet(HTML) 6 Page - Jianghai Europe GmbH

  CD13HBH Datasheet HTML 1Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 2Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 3Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 4Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 5Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 6Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
15
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Life Time Estimation
3. K
V Voltage Factor: For Radial Electrolytic Capacitors, this part of the formula has no impact (KV = 1). But for
some bigger capacitors like Snap-In and Screw-Terminal types with rated voltages above 350V, the operating
voltage will affect their Lifetime. It is expressed as follows:
( )
K
V =
U
A
U
R
-n
Where:
U
R
Rated Voltage
U
A
Actual Operating Voltage
n
Exponent, defined as:
0,5 ≤
U
A
≤ 1
n = 2,5
U
R
0 <
U
A
< 0,5 → n = 0
U
R
4.
Frequency Correction Factors: If the actual Ripple Currents are not given at the same frequency like I
0,
weighing factors need to be applied.
I
A
Actual Rated Ripple Current (normalized)
I
f1 ... Ifn
Ripple Currents at different frequencies
F
f1 ... Ffn
Frequency Correction Factors for different frequencies
I
A =
(
I
f 1
)
2
+
F
f 1
(
I
f 2
)
2
+
F
f 2
...
(
I
f n
)
2
F
f n
L = L
0 · KT · KR · KV
5.
JiAnGHAi Electrolytic Capacitor Lifetime Estimation Formula
T
0-TA
[1- (
I
A
) 2]·
∆ T
0
U
A
=
L
0· 2
10K · K
i
I
R
10K · ( )
-n
U
R
T
0 = 105°C
I
A > IR → Ki =
4
I
A ≤ IR → Ki =
2
T
0 =
85°C
K
i =
2
0,5 ≤
U
A
≤ 1
n = 2,5
U
R
0 <
U
A
< 0,5 → n = 0
U
R


Número de pieza similar - CD13HBH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
CD13001 CDIL-CD13001 Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001A CDIL-CD13001A Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001B CDIL-CD13001B Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001C CDIL-CD13001C Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001D CDIL-CD13001D Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Descripción similar - CD13HBH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jianghai Europe GmbH
CD804ZM JIANGHAI-CD804ZM Datasheet
644Kb / 8P
   4000h at 105째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD71CNC JIANGHAI-CD71CNC Datasheet
1Mb / 4P
   1000h at 85C
CD71NP JIANGHAI-CD71NP Datasheet
1Mb / 4P
   2000h at 85C
CD29UCU JIANGHAI-CD29UCU Datasheet
642Kb / 8P
   6000h at 85C
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
   2000h at 85C
CD138SWP JIANGHAI-CD138SWP Datasheet
683Kb / 7P
   15000h at 85C
CD13LPL JIANGHAI-CD13LPL Datasheet
959Kb / 4P
   Warranty of 20000h at 85C
CD11CCX JIANGHAI-CD11CCX Datasheet
1Mb / 4P
   Load life of 1000hours at 85C
logo
Kemet Corporation
ALS60A561KE550 KEMET-ALS60A561KE550 Datasheet
58Kb / 1P
   Capacitor, aluminum, 560 uF, /-20% Tol, -40/85C, 550V@85C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com