Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4107BRU-REEL7 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADF4107BRU-REEL7
Descripción Electrónicos  PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4107BRU-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4107BRU-REEL7 Datasheet HTML 3Page - Analog Devices ADF4107BRU-REEL7 Datasheet HTML 4Page - Analog Devices ADF4107BRU-REEL7 Datasheet HTML 5Page - Analog Devices ADF4107BRU-REEL7 Datasheet HTML 6Page - Analog Devices ADF4107BRU-REEL7 Datasheet HTML 7Page - Analog Devices ADF4107BRU-REEL7 Datasheet HTML 8Page - Analog Devices ADF4107BRU-REEL7 Datasheet HTML 9Page - Analog Devices ADF4107BRU-REEL7 Datasheet HTML 10Page - Analog Devices ADF4107BRU-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADF4107
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Parameter Data for the RF Input
0
–30
–5
–10
–25
–20
–15
01
2
4
6
35
RF INPUT FREQUENCY – GHz
7
VDD = 3V
VP = 3V
TA = +85
oC
TA = –40
oC
TA = +25
oC
Figure 6. Input Sensitivity
0
–60
–2kHz
–10
–50
–70
–90
–30
–40
–80
–20
+2kHz
900MHz
–1kHz
+1kHz
–100
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
–93.0dBc/Hz
FREQUENCY
REF LEVEL = –14.3dBm
Figure 7. Phase Noise (900 MHz, 200 kHz, 20 kHz)
100Hz
1MHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY OFFSET FROM 900MHz CARRIER
10dB/DIV
RL = –40dBc/Hz
RMS NOISE = 0.36
o
Figure 8. Integrated Phase Noise (900 MHz, 200 kHz, 20 kHz)
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
REF LEVEL = –14.0dBm
–400kHz
+400kHz
900MHz
–200kHz
+200kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 30
–91.0dBc/Hz
Figure 9. Reference Spurs (900 MHz, 200 kHz, 20 kHz)
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
REF LEVEL = –10dBm
–2kHz
+2kHz
6400MHz
–1kHz
+1kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
–83.0dBc/Hz
Figure 10. Phase Noise (6.4 GHz, 1 MHz, 100 kHz)
Rev. 0 | Page 7 of 20


Número de pieza similar - ADF4107BRU-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4107BRU-REEL7 AD-ADF4107BRU-REEL7 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
More results

Descripción similar - ADF4107BRU-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com