Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC1004DSCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza FDC1004DSCR
Descripción Electrónicos  4-Channel Capacitance-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

FDC1004DSCR Datasheet(HTML) 5 Page - Texas Instruments

  FDC1004DSCR Datasheet HTML 1Page - Texas Instruments FDC1004DSCR Datasheet HTML 2Page - Texas Instruments FDC1004DSCR Datasheet HTML 3Page - Texas Instruments FDC1004DSCR Datasheet HTML 4Page - Texas Instruments FDC1004DSCR Datasheet HTML 5Page - Texas Instruments FDC1004DSCR Datasheet HTML 6Page - Texas Instruments FDC1004DSCR Datasheet HTML 7Page - Texas Instruments FDC1004DSCR Datasheet HTML 8Page - Texas Instruments FDC1004DSCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
FDC1004
www.ti.com
SNOSCY5B – AUGUST 2014 – REVISED APRIL 2015
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Input voltage
VDD
–0.3
6
V
SCL, SDA
–0.3
6
V
at any other pin
–0.3
VDD+0.3
V
Input current
at any pin
3
mA
Junction temperature(2)
150
°C
Storage temperature
TSTG
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum power dissipation is a function of TJ(MAX), RθJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is PDMAX = (TJ(MAX) - TA)/ RθJA. All numbers apply for packages soldered directly onto a PC
board.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC
±1000
JS-001, all pins(2)
V(ESD)
Electrostatic discharge(1)
V
Charged device model (CDM), per JEDEC
±250
specification -500 500 JESD22-C101, all pins(3)
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
Over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage (VDD-GND)
3
3.3
3.6
V
Temperature
–40
125
°C
7.4 Thermal Information
FDC1004
THERMAL METRIC(1)
WSON (DSC)
VSSOP (DGS)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
46.8
46.8
°C/W
RθJC
Junction-to-case(top) thermal resistance
46.7
48.7
°C/W
RθJB
Junction-to-board thermal resistance
21.5
70.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: FDC1004


Número de pieza similar - FDC1004DSCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
FDC1004-Q1 TI1-FDC1004-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004QDGSRQ1 TI1-FDC1004QDGSRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004QDGSTQ1 TI1-FDC1004QDGSTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
More results

Descripción similar - FDC1004DSCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com