Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC2114-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza FDC2114-Q1
Descripción Electrónicos  Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  FDC2114-Q1 Datasheet HTML 1Page - Texas Instruments FDC2114-Q1 Datasheet HTML 2Page - Texas Instruments FDC2114-Q1 Datasheet HTML 3Page - Texas Instruments FDC2114-Q1 Datasheet HTML 4Page - Texas Instruments FDC2114-Q1 Datasheet HTML 5Page - Texas Instruments FDC2114-Q1 Datasheet HTML 6Page - Texas Instruments FDC2114-Q1 Datasheet HTML 7Page - Texas Instruments FDC2114-Q1 Datasheet HTML 8Page - Texas Instruments FDC2114-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
IN0A
IN0B
IN3A
IN3B
FDC2114 / FDC2214
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
Resonant
circuit driver
Resonant
circuit driver
I
2C
I
2C
peripheral
3.3 V
L
Cap Sensor 0
CLKIN
40 MHz
L
Cap Sensor 3
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
SNOSCZ9 – MAY 2016
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1 Multi-Channel 12-Bit or 28-Bit
Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1:–40°C to +125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C5
EMI-Resistant Architecture
Maximum Output Rates (One Active Channel):
13.3 ksps (FDC2112-Q1, FDC2114-Q1)
4.08 ksps (FDC2212-Q1, FDC2214-Q1)
Maximum Input Capacitance: 250 nF (at 10 kHz
with 1-mH inductor)
Sensor Excitation Frequency: 10 kHz to 10 MHz
Number of Channels: 2, 4
Resolution: Up to 28 bits
RMS noise: 0.3 fF at 100 sps and fSENSOR = 5MHz
Supply Voltage: 2.7 V to 3.6 V
Power Consumption: Active: 2.1 mA
Low-Power Sleep Mode: 35 µA
Shutdown: 200 nA
Interface: I2C
Temperature Range: –40°C to +125°C
2 Applications
EMI-Resistant Proximity Sensor
EMI-Resistant Gesture Recognition
EMI-Resistant Foreign Object Detection
EMI-Resistant Rain / Fog / Ice / Snow Sensor
Automotive Door / Kick Sensors
3 Description
Capacitive sensing is a low-power, low-cost, high-
resolution contactless sensing technique that can be
applied to a variety of applications ranging from
proximity detection to gesture recognition. The sensor
in a capacitive sensing system is any metal or
conductor, allowing for low cost and highly flexible
system design.
The main challenge limiting sensitivity in capacitive
sensing applications is noise susceptibility of the
sensors.
With
the
FDC2x1x-Q1
innovative
EMI
resistant
architecture,
performance
can
be
maintained
even
in
presence
of
high-noise
environments.
The FDC2x1x-Q1 is a multi-channel family of noise-
and
EMI-resistant,
high-resolution,
high-speed
capacitance-to-digital converters for implementing
capacitive sensing solutions. The devices employ an
innovative narrow-band based architecture to offer
high rejection of noise and interferers while providing
high resolution at high speed. The devices support a
wide excitation frequency range, offering flexibility in
system design.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
FDC2112-Q1
WSON (12)
4.00 mm × 4.00 mm
FDC2114-Q1
WQFN (16)
4.00 mm × 4.00 mm
FDC2212-Q1
WSON (12)
4.00 mm × 4.00 mm
FDC2214-Q1
WQFN (16)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Número de pieza similar - FDC2114-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEXAS ADVANCED OPTOELEC...
FDC2114 TAOS-FDC2114 Datasheet
4Mb / 62P
   FDC2114 and FDC2214 EVM User?셲 Guide
logo
Texas Instruments
FDC2114 TI1-FDC2114 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2114QRGHRQ1 TI1-FDC2114QRGHRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2114QRGHRQ1 TI1-FDC2114QRGHRQ1 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2114QRGHTQ1 TI1-FDC2114QRGHTQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
More results

Descripción similar - FDC2114-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
logo
Analog Devices
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com