Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM3307EACP-REEL Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADM3307EACP-REEL
Descripción Electrónicos  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM3307EACP-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADM3307EACP-REEL Datasheet HTML 1Page - Analog Devices ADM3307EACP-REEL Datasheet HTML 2Page - Analog Devices ADM3307EACP-REEL Datasheet HTML 3Page - Analog Devices ADM3307EACP-REEL Datasheet HTML 4Page - Analog Devices ADM3307EACP-REEL Datasheet HTML 5Page - Analog Devices ADM3307EACP-REEL Datasheet HTML 6Page - Analog Devices ADM3307EACP-REEL Datasheet HTML 7Page - Analog Devices ADM3307EACP-REEL Datasheet HTML 8Page - Analog Devices ADM3307EACP-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. G
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM33xxE feature proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADM3307EARU
–40
∞C to +85∞C28-Lead Thin Shrink Small Outline (TSSOP)
RU-28
ADM3307EARU-REEL
–40
∞C to +85∞CTape and Reel
RU-28
ADM3307EARU-REEL7
–40
∞C to +85∞CTape and Reel
RU-28
ADM3307EACP
–40
∞C to +85∞C32-Lead 5 mm ¥ 5 mm Lead Frame Chip Scale Package (LFCSP) CP-32-2
ADM3307EACP-REEL
–40
∞C to +85∞CTape and Reel
RU-28
ADM3307EACP-REEL7
–40
∞C to +85∞CTape and Reel
RU-28
ADM3310EARU
–40
∞C to +85∞C28-Lead Thin Shrink Small Outline (TSSOP)
RU-28
ADM3310EARU-REEL
–40
∞C to +85∞CTape and Reel
RU-28
ADM3310EARU-REEL7
–40
∞C to +85∞CTape and Reel
RU-28
ADM3310EACP
–40
∞C to +85∞C32-Lead 5 mm ¥ 5 mm Lead Frame Chip Scale Package (LFCSP) CP-32-2
ADM3310EACP-REEL
–40
∞C to +85∞CTape and Reel
CP-32-2
ADM3310EACP-REEL7
–40
∞C to +85∞CTape and Reel
CP-32-2
ADM3311EARS
–40
∞C to +85∞C28-Lead Shrink Small Outline (SSOP)
RS-28
ADM3311EARS-REEL
–40
∞C to +85∞CTape and Reel
RS-28
ADM3311EARS-REEL7
–40
∞C to +85∞CTape and Reel
RS-28
ADM3311EARZ
*
–40
∞C to +85∞C28-Lead Shrink Small Outline (SSOP)
RS-28
ADM3311EARZ-REEL
*
–40
∞C to +85∞CTape and Reel
RS-28
ADM3311EARZ-REEL7
*
–40
∞C to +85∞CTape and Reel
RS-28
ADM3311EARU
–40
∞C to +85∞C28-Lead Thin Shrink Small Outline (TSSOP)
RU-28
ADM3311EARU-REEL
–40
∞C to +85∞CTape and Reel
RU-28
ADM3311EARU-REEL7
–40
∞C to +85∞CTape and Reel
RU-28
ADM3311EACP
–40
∞C to +85∞C32-Lead 5 mm ¥ 5 mm Lead Frame Chip Scale Package (LFCSP) CP-32-2
ADM3312EARU
–40
∞C to +85∞C24-Lead Thin Shrink Small Outline (TSSOP)
RU-24
ADM3312EARU-REEL
–40
∞C to +85∞CTape and Reel
RU-24
ADM3312EARU-REEL7
–40
∞C to +85∞CTape and Reel
RU-24
ADM3312EACP
–40
∞C to +85∞C32-Lead 5 mm ¥ 5 mm Lead Frame Chip Scale Package (LFCSP) CP-32-2
ADM3312EACP-REEL
–40
∞C to +85∞CTape and Reel
CP-32-2
ADM3312EACP-REEL7
–40
∞C to +85∞CTape and Reel
CP-32-2
ADM3315EARU
–40
∞C to +85∞C24-Lead Thin Shrink Small Outline (TSSOP)
RU-24
ADM3315EARU-REEL
–40
∞C to +85∞CTape and Reel
RU-24
ADM3315EARU-REEL7
–40
∞C to +85∞CTape and Reel
RU-24
ADM3315EARUZ
*
–40
∞C to +85∞C24-Lead Thin Shrink Small Outline (TSSOP)
RU-24
ADM3315EARUZ-REEL
*
–40
∞C to +85∞CTape and Reel
RU-24
ADM3315EARUZ-REEL7
* –40
∞C to +85∞CTape and Reel
RU-24
ADM3315EACP
–40
∞C to +85∞C32-Lead 5 mm ¥ 5 mm Lead Frame Chip Scale Package (LFCSP) CP-32-2
ADM3315EACP-REEL
–40
∞C to +85∞CTape and Reel
CP-32-2
ADM3315EACP-REEL7
–40
∞C to +85∞CTape and Reel
CP-32-2
*Z = Pb-free part.
PRODUCT SELECTION GUIDE
No. Rx
ICC
Supply
Active
15 kV
ICC
Shutdown
Generic
Voltage
Tx
Rx
in SD
Speed
ESD
Max
Max
*
Additional Features
ADM3307E
2.7 V to 3.6 V
5
3
1
1 Mbps
RS-232
1.5 mA
1
mA
±15 kV ESD Protection
CMOS
CMOS on RS-232 and
EN and SD
CMOS I/Os including
SD and
EN Pins.
ADM3310E
2.7 V to 3.6 V
3
5
2
460 kbps
RS-232
0.85 mA 1
mA2 Rxs Active in Shutdown.
Green Idle Mode
Level 6 V. Low power
ADM3311E.
ADM3311E
2.7 V to 3.6 V
3
5
1
460 kbps
RS-232
1 mA
1
mA
ADM3312E
2.7 V to 3.6 V
3
3
1
460 kbps
RS-232
1 mA
1
mA
ADM3315E
2.7 V to 3.6 V
3
3
1
460 kbps
RS-232
0.85 mA 1
mA
22 k
W Rx I/P
Resistance. Green Idle
Mode Level 6 V. Low power
ADM3312E.
*ICC Shutdown is 20 nA typically.


Número de pieza similar - ADM3307EACP-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3307EACPZ-REEL AD-ADM3307EACPZ-REEL Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307EACPZ-REEL AD-ADM3307EACPZ-REEL Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3307EACPZ-REEL7 AD-ADM3307EACPZ-REEL7 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
More results

Descripción similar - ADM3307EACP-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com