Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM-704A Datasheet(PDF) 9 Page - Interpoint Corporation Company

No. de pieza FM-704A
Descripción Electrónicos  EMI Input Filter and Transient Suppression Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-704A Datasheet(HTML) 9 Page - Interpoint Corporation Company

  FM-704A_11 Datasheet HTML 1Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 2Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 3Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 4Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 5Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 6Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 7Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 8Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SCREENING TABLE 7: ENVIRONMENTAL SCREENING—HIGH RELIABILITY STANDARD, /ES AND /883 (CLASS H)
STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML)
MIL-PRF-38534 ENVIRONMENTAL SCREENING
NON
-QML 1
QML
TEST PERFORMED
STANDARD
/ES
/883
pre-cap inspection, Method 2017, 2032
temperature cycle (10 times)
Method 1010, Cond. C, -65°C to +150°C, ambient
Method 1010, Cond. B, -55°C to +125°C, ambient
constant acceleration
Method 2001, 3000 g
Method 2001, 500 g
burn-in Method 1015, +125°c case, typical 2
96 hours
160 hours
Final electrical test, Mil-prF-38534, group a,
Subgroups 1 through 6, -55°C, +25°C, +125°C case
Subgroups 1 and 4, +25°C case
Hermeticity test
Gross Leak, Method 1014, Cond. C
Fine Leak, Method 1014, Cond. A
Gross Leak, Dip
Final visual inspection, Method 2009
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Standard and /ES, non-QML products, may not meet all of the requirements of MIL-PRF-38534.
2. Burn-in temperature designed to bring the case temperature to +125°C minimum. Burn-in is a powered test.
ScreeNINg TaBLe 2: eNVIroNMeNTaL ScreeNINg
Crane Aerospace & Electronics Power Solutions
FM-704a eMi input Filter and transient suppression Module
FM-704A EMI Input Filters FM-704A Rev C - 2011.11.07. This revision supersedes all previous releases. All technical information is believed to be
accurate, but no responsibility is assumed for errors or omissions. Crane Electronics, Inc. reserves the right to make changes in products or specifi-
cations without notice. Interpoint and FM-704A are trademarks of Crane Electronics, Inc. Copyright © 1999 - 2011 Crane Electronics, Inc. All rights
reserved. www.craneae.com/interpoint
28 Volt input – 40 Watt
Page 9 of 9


Número de pieza similar - FM-704A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FM-704A/883 INTERPOINT-FM-704A/883 Datasheet
126Kb / 7P
   EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
More results

Descripción similar - FM-704A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sparkle Power Inc.
FM704A SPI-FM704A Datasheet
1Mb / 8P
   EMI Input Filter and Transient Suppression Module
logo
Interpoint Corporation ...
FM704A INTERPOINT-FM704A Datasheet
126Kb / 7P
   EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
logo
VPT, Inc.
VPTC10-28 VPT-VPTC10-28 Datasheet
576Kb / 9P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
VPTI10-28 VPT-VPTI10-28 Datasheet
556Kb / 10P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
logo
List of Unclassifed Man...
DVMN28 ETC-DVMN28 Datasheet
170Kb / 8P
   HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
logo
VPT, Inc.
DVMN28 VPT-DVMN28 Datasheet
207Kb / 8P
   HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
logo
Littelfuse
AN9768 LITTELFUSE-AN9768 Datasheet
131Kb / 8P
   Transient Suppression Devices and Principles
logo
AVX Corporation
VJ12 AVX-VJ12 Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
VC20MA0160KBA AVX-VC20MA0160KBA Datasheet
1Mb / 10P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
logo
Interpoint Corporation ...
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com