Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF398A-N Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LF398A-N
Descripción Electrónicos  Monolithic Sample-and-Hold Circuits
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LF398A-N Datasheet(HTML) 2 Page - Texas Instruments

  LF398A-N Datasheet HTML 1Page - Texas Instruments LF398A-N Datasheet HTML 2Page - Texas Instruments LF398A-N Datasheet HTML 3Page - Texas Instruments LF398A-N Datasheet HTML 4Page - Texas Instruments LF398A-N Datasheet HTML 5Page - Texas Instruments LF398A-N Datasheet HTML 6Page - Texas Instruments LF398A-N Datasheet HTML 7Page - Texas Instruments LF398A-N Datasheet HTML 8Page - Texas Instruments LF398A-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LF198-N, LF298, LF398-N
LF198A-N, LF398A-N
SNOSBI3B – JULY 2000 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
8.3
Feature Description................................................. 12
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 12
3
Description ............................................................. 1
9
Application and Implementation ........................ 13
4
Revision History..................................................... 2
9.1
Application Information............................................ 13
5
Pin Configuration and Functions ......................... 3
9.2
Typical Applications ................................................ 15
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 24
6.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 25
6.2
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 25
6.3
Thermal Information .................................................. 4
11.2
Layout Example .................................................... 25
6.4
Electrical Characteristics, LF198-N and LF298 ........ 5
12
Device and Documentation Support ................. 26
6.5
Electrical Characteristics, LF398-N........................... 6
12.1
Device Support...................................................... 26
6.6
Typical Characteristics .............................................. 7
12.2
Related Links ........................................................ 26
7
Parameter Measurement Information ................ 10
12.3
Community Resources.......................................... 26
7.1
TTL and CMOS 3 V
≤ VLOGIC (Hi State) ≤ 7 V ....... 10
12.4
Trademarks ........................................................... 26
7.2
CMOS 7 V
≤ VLOGIC (Hi State) ≤ 15 V .................... 10
12.5
Electrostatic Discharge Caution ............................ 26
7.3
Operational Amplifier Drive ..................................... 11
12.6
Glossary ................................................................ 27
8
Detailed Description ............................................ 12
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 12
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2000) to Revision B
Page
Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N


Número de pieza similar - LF398A-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LF398A-N TI1-LF398A-N Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
More results

Descripción similar - LF398A-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com