Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM10520 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM10520
Descripción Electrónicos  LM10520 Single-Phase Buck Controller for AVS Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM10520 Datasheet(HTML) 4 Page - Texas Instruments

  LM10520 Datasheet HTML 1Page - Texas Instruments LM10520 Datasheet HTML 2Page - Texas Instruments LM10520 Datasheet HTML 3Page - Texas Instruments LM10520 Datasheet HTML 4Page - Texas Instruments LM10520 Datasheet HTML 5Page - Texas Instruments LM10520 Datasheet HTML 6Page - Texas Instruments LM10520 Datasheet HTML 7Page - Texas Instruments LM10520 Datasheet HTML 8Page - Texas Instruments LM10520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LM10520
SNVS638 – NOVEMBER 2010
www.ti.com
PIN DESCRIPTIONS
Number
Pad Name
Type
Pad Description
DAP
GND
Connect Die Attach Pad to ground
1
BOOT
Analog
Boot cap voltage. Connect boot capacitor to this pin.
2
LG
Output
Low Side MOSFET gate drive.
3
PGND
GND
Power ground.
4
VCC
Power
5V bias input
5
PWGD
GND
Power good signal
6
ISEN
Analog
Current limit sense
7
VIN
Power
High voltage bias input
8
NC
No Connect
9
VCC5
Power
5V bias output
10
FLT_N
I/O
External fault input, active low. Causes output to be disabled and
resets R0 (output voltage register)
11
VDD
Power
Digital circuitry bias
12
ADDR
Analog
Connect a resistor from this to ground to set the PWI address
13
ENBIAS
Input
Enable for digital circuitry
14
CONTROL
Input
Enable for output voltage
15
IOUT1
Analog
Connect this pin the FB pin
16
RESET_N
Input
Digital circuitry reset, active low
17
CNTL_EN
Output
Digital circuitry output which control Vout enable/disable
18
VPWI
Power
PWI I/O bias input
19
SPWI
I/O
PWI signal
20
SCLK
Output
PWI clock
21
ON/OFF
Input
Enable for internal 5V LDO
22
EAO
Analog
Error amp output
23
SS/TRACK
Analog
Connecting a capacitor to ground will set the softstart time. Optionally,
if this pin is driven externally the output will track the voltage at this pin
24
FB
Feedback connection
25
FREQ/SYNC
Analog
Connecting a resistor from this pin to ground will set the switching
frequency. Alternatively, a clock source can drive this pin, and the
LM10520 will synchronize to the clock frequency.
26
SD
Input
Shutdown for the analog circuitry
27
PGND
GND
Power ground
28
HG
Analog
High side MOSFET drive
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Links: LM10520


Número de pieza similar - LM10520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results

Descripción similar - LM10520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
UCD9111 TI-UCD9111 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27241 NSC-LM27241 Datasheet
1Mb / 27P
   Synchronous Buck Regulator Controller for Mobile Systems
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Texas Instruments
LM27213 TI-LM27213_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com