Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM124QML Datasheet(PDF) 9 Page - Texas Instruments |
|
LM124QML Datasheet(HTML) 9 Page - Texas Instruments |
9 / 31 page LM124AQML, LM124QML www.ti.com SNOSAE0K – AUGUST 2004 – REVISED MARCH 2013 LM124A RAD HARD Electrical Characteristics SMD: 5962R99504 DC Parameters (1) (2) (continued) (The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device ground. Sub- Symbol Parameter Conditions Notes Min Max Unit Groups +25°C ≤ TA ≤ +125°C, +VCC = 5V, -VCC = 0V, -400 400 pA/° C 2 Input Offset Current VCM = +1.4V ΔIO/ ΔT Temperature (5) Sensitivity -55°C ≤ TA ≤ +25°C, +VCC = 5V, -700 700 pA/ °C 3 -VCC = 0V, VCM = +1.4V LM124A RAD HARD SMD: 5962R99504 AC/DC Parameters (1) (2) (The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device ground. Sub- Symbol Parameter Conditions Notes Min Max UniT G roups VCC+ = 30V, VCC- = Gnd, 35 mV 4, 5, 6 RL = 10K Ω Logical "0" Output VCC+ = 30V, VCC- = Gnd, VOL 1.5 V 4, 5, 6 Voltage IOI = 5mA VCC+ = 4.5V, VCC- = Gnd, 0.4 V 4, 5, 6 IOI = 2uA VCC+ = 30V, VCC- = Gnd, 27 V 4, 5, 6 IOH = -10mA Logical "1" Output VOH Voltage VCC+ = 4.5V, VCC- = Gnd, 2.4 V 4, 5, 6 IOH = -10mA VCC+ = 30V, VCC- = Gnd, 50 V/mV 4 1V ≤ VO ≤ 26V, RL = 10K Ω 25 V/mV 5, 6 AVS+ Voltage Gain VCC+ = 30V, VCC- = Gnd, 50 V/mV 4 5V ≤ VO ≤ 20V, RL = 2K Ω 25 V/mV 5, 6 VCC+ = 5V, VCC- = Gnd, 10 V/mV 4, 5, 6 1V ≤ VO ≤ 2.5V, RL = 10K Ω AVS Voltage Gain VCC+ = 5V, VCC- = Gnd, 10 V/mV 4, 5, 6 1V ≤ VO ≤ 2.5V, RL = 2K Ω VCC+ = 30V, VCC- = Gnd, 27 V 4, 5, 6 VO = +30V, RL = 10K Ω Maximum Output +VOP Voltage Swing VCC+ = 30V, VCC- = Gnd, 26 V 4, 5, 6 VO = +30V, RL = 2K Ω Transient Response: TR(TR) VCC+ = 30V, VCC- = Gnd 1 uS 7, 8A, 8B Rise Time Transient Response: TR(OS) VCC+ = 30V, VCC- = Gnd 50 % 7, 8A, 8B Overshoot Slew Rate: Rise VCC+ = 30V, VCC- = Gnd 0.1 V/uS 7, 8A, 8B ±SR Slew Rate: Fall VCC+ = 30V, VCC- = Gnd 0.1 V/uS 7, 8A, 8B (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are ensured only for the conditions as specified in MIL-STD-883, Method 1019 (2) Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no enhanced low dose rate sensitivity (ELDRS) effect. Copyright © 2004–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM124AQML LM124QML |
Número de pieza similar - LM124QML |
|
Descripción similar - LM124QML |