Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM137K/883 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
LM137K/883 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 22 page LM137QML www.ti.com SNVS313D – DECEMBER 2010 – REVISED FEBRUARY 2015 6.11 LM137H RH Electrical Characteristics AC Parameters 5962P9951708VXA The following conditions apply, unless otherwise specified. (1) SUB- PARAMETER TEST CONDITIONS MIN MAX UNIT GROUPS ΔVIN / ΔVOUT VIN = -6.25 V, IL = 125 mA, Ripple Rejection 9 48 dB eI = 1VRMS at 2400 Hz VNO Output Noise Voltage VIN = -6.25 V, IL = 50 mA 9 120 µVRMS ΔVOUT / ΔVIN Line Transient VIN = -6.25 V, VPulse = -1V, IL = 50 mA 9 80 mV/V Response ΔVO / Δ IL Load Transient VIN = -6.25 V, IL = 50 mA, Δ IL = 200 mA 9 60 mV Response(2) (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019.5, Condition A. (2) Limit of 0.3mV/mA is equivalent to 60mV 6.12 LM137H RH Electrical Characteristics DC Parameters Drift Values 5962P9951708VXA The following conditions apply, unless otherwise specified. (1) Delta calculations performed on QMLV devices at group B, subgroup 5 only. SUB- PARAMETER TEST CONDITIONS MIN MAX UNIT GROUPS VIN = -4.25 V, IL = 5 mA 1 -0.01 0.01 V VIN = -4.25 V, IL = 500 mA 1 -0.01 0.01 V VOUT Output Voltage VIN = -41.25 V, IL = 5 mA 1 -0.01 0.01 V VIN = -41.25 V, IL = 50 mA 1 -0.01 0.01 V VR Line Line Regulation VIN = -41.25 V to -4.25 V, IL = 5 mA 1 -4.0 4.0 mV VIN = -4.25 V, IL = 5 mA 1 -10 10 µA IAdj Adjust Pin Current VIN = -41.25 V, IL = 5 mA 1 -10 10 µA (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019.5, Condition A. 6.13 LM137H RH Electrical Characteristics DC Parameters Post Radiation Limits +25°C 5962P9951708VXA The following conditions apply, unless otherwise specified. (1) SUB- PARAMETER TEST CONDITIONS MIN MAX UNIT GROUPS VIN = -41.25 V, IL = 5 mA 1 -1.30 -1.225 V VOUT Output Voltage VIN = -41.25 V, IL = 50 mA 1 -1.30 -1.225 V VR Line Line Regulation VIN = -41.25 V to -4.25 V, IL = 5 mA 1 -9.0 +50 mV IAdj Adjust Pin Current VIN = -41.25 V, IL = 5 mA 1 25 140 µA Δ IAdj / VLine Adjust Pin Current VIN = -41.25 V to -4.25 V, IL = 5 mA 1 -70 +20 µA Change vs. Line Voltage Output Voltage VIN = -40 V VOUT Recovery Recovery After Output 1 -1.30 -1.225 V Short Circuit Current (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019.5, Condition A. Copyright © 2010–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM137QML |
Número de pieza similar - LM137K/883 |
|
Descripción similar - LM137K/883 |