Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1876 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM1876
Descripción Electrónicos  Audio Power Amplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM1876 Datasheet(HTML) 5 Page - Texas Instruments

  LM1876 Datasheet HTML 1Page - Texas Instruments LM1876 Datasheet HTML 2Page - Texas Instruments LM1876 Datasheet HTML 3Page - Texas Instruments LM1876 Datasheet HTML 4Page - Texas Instruments LM1876 Datasheet HTML 5Page - Texas Instruments LM1876 Datasheet HTML 6Page - Texas Instruments LM1876 Datasheet HTML 7Page - Texas Instruments LM1876 Datasheet HTML 8Page - Texas Instruments LM1876 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM1876
www.ti.com
SNAS097C – MAY 1999 – REVISED APRIL 2013
Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VCC = +22V, VEE = −22V with RL = 8Ω unless otherwise specified. Limits apply for TA =
25°C.
Symbol
Parameter
Conditions
LM1876
Units
(Limits)
Typical(3
Limit(4)
)
eIN
(6)
Input Noise
IHF—A Weighting Filter
2.0
8
μV (max)
RIN = 600Ω (Input Referred)
SNR
Signal-to-Noise Ratio
PO = 1W, A—Weighted,
98
dB
Measured at 1 kHz, RS = 25Ω
PO = 15W, A—Weighted
108
dB
Measured at 1 kHz, RS = 25Ω
AM
Mute Attenuation
Pin 6,11 at 2.5V
115
80
dB (min)
Standby Pin
VIL
Standby Low Input Voltage
Not in Standby Mode
0.8
V (max)
VIH
Standby High Input Voltage
In Standby Mode
2.0
2.5
V (min)
Mute pin
VIL
Mute Low Input Voltage
Outputs Not Muted
0.8
V (max)
VIH
Mute High Input Voltage
Outputs Muted
2.0
2.5
V (min)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1876


Número de pieza similar - LM1876

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876T NSC-LM1876T Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876TF NSC-LM1876TF Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
More results

Descripción similar - LM1876

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM48311 TI1-LM48311 Datasheet
885Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM4782 TI1-LM4782 Datasheet
1Mb / 33P
[Old version datasheet]   Audio Power Amplifier Series
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com