Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM139MD8 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
LM139MD8 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 29 page LM139AQML, LM139QML www.ti.com SNOSAH8G – FEBRUARY 2005 – REVISED MARCH 2013 Absolute Maximum Ratings (1) LM139 / LM139A Supply Voltage, V+ 36 VDC or ±18 VDC Differential Input Voltage(2) 36 VDC Input Voltage −0.3 VDC to +36 VDC Input Current (VIN < −0.3 VDC) (3) 50 mA Power Dissipation(4)(5) LCCC 1250 mW CDIP 1200 mW CLGA (NAD) 680 mW CLGA (NAC) 680 mW Sink Current (approx)(6) 20mA Output Short-Circuit to GND(7) Continuous Storage Temperature Range -65°C ≤ TA ≤ +150°C Maximum Junction Temperature (TJ) +150°C Lead Temperature (Soldering, 10 seconds) 300°C Operating Temperature Range -55°C ≤ TA ≤ +125°C Thermal LCCC (Still Air) 100°C/W Resistance LCCC (500LF / Min Air flow) 73°C/W CDIP (Still Air) 103°C/W CDIP (500LF / Min Air flow) 65°C/W θJA CLGA (NAD) (Still Air) 183°C/W CLGA (NAD) (500LF / Min Air flow) 120°C/W CLGA (NAC) (Still Air) 183°C/W CLGA (NAC) (500LF / Min Air flow) 120°C/W LCCC 28°C/W CDIP 23°C/W θJC CLGA (NAD) 23°C/W CLGA (NAC) 23°C/W Package Weight LCCC 470mg (typical) CDIP 2,190mg CLGA (NAD) 460mg CLGA (NAC) 410mg ESD rating(8) 600V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensured specific performance limits. For ensured specifications and test conditions, see, the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than −0.3 VDC (or 0.3 VDCbelow the magnitude of the negative power supply, if used) (at 25°C). (3) This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than −0.3 VDC (at 25°)C. (4) The low bias dissipation and the ON-OFF characteristics of the outputs keeps the chip dissipation very small (PD ≤ 100mW), provided the output transistors are allowed to saturate. (5) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (Package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax = (TJmax — TA) / θJA or the number given in the Absolute Maximum Ratings, whichever is lower. (6) SMD 5962–8773901 only (7) Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output current is approximately 20 mA independent of the magnitude of V+. (8) Human Body model, 1.5 K Ω in series with 100 pF Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM139AQML LM139QML |
Número de pieza similar - LM139MD8 |
|
Descripción similar - LM139MD8 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |