Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM72501 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SM72501
Descripción Electrónicos  SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM72501 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM72501 Datasheet HTML 7Page - Texas Instruments SM72501 Datasheet HTML 8Page - Texas Instruments SM72501 Datasheet HTML 9Page - Texas Instruments SM72501 Datasheet HTML 10Page - Texas Instruments SM72501 Datasheet HTML 11Page - Texas Instruments SM72501 Datasheet HTML 12Page - Texas Instruments SM72501 Datasheet HTML 13Page - Texas Instruments SM72501 Datasheet HTML 14Page - Texas Instruments SM72501 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
10 Ps/DIV
VS = 5V
f = 10 kHz
AV = +10
VIN = 400 mVPP
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
f = 10 kHz
AV = +10
VIN = 100 mVPP
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
f = 10 kHz
AV = +1
VIN = 2 VPP
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
f = 10 kHz
AV = +1
VIN = 100 mVPP
RL = 10 k:
CL = 10 pF
100
100
10k
1M
100M
FREQUENCY (Hz)
-60
-20
40
10M
100k
1k
80
60
20
0
-40
GAIN
PHASE
VS = 5V
CL = 20 pF
RL = 10 k:
225
-135
-45
90
180
135
45
0
-90
125°C
-40°C
25°C
125°C
-40°C
25°C
100
100
10k
1M
100M
FREQUENCY (Hz)
-60
-20
40
10M
100k
1k
80
60
20
0
-40
GAIN
PHASE
VS = 10V
CL = 20 pF
VS = 3V
CL = 100 pF
VS = 3V, 5V, 10V
CL = 20 pF, 50 pF, 100 pF
RL = 10 k:
225
-135
-45
90
180
135
45
0
-90
SM72501
www.ti.com
SNIS157C – JANUARY 2011 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
Open Loop Frequency Response
Open Loop Frequency Response
Figure 27.
Figure 28.
Large Signal Step Response
Small Signal Step Response
Figure 29.
Figure 30.
Large Signal Step Response
Small Signal Step Response
Figure 31.
Figure 32.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SM72501


Número de pieza similar - SM72501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MF NSC-SM72501MF Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MFE NSC-SM72501MFE Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MFX NSC-SM72501MFX Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
More results

Descripción similar - SM72501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com