Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2591HVSX-5.0 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM2591HVSX-5.0
Descripción Electrónicos  SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2591HVSX-5.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2591HVSX-5.0 Datasheet HTML 6Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 7Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 8Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 9Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 10Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 11Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 12Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 13Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
LM2591HV
SNVS074E – MAY 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2591HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
8.1 Test Circuits
Component Values shown are for VIN = 15V,
VOUT = 5V, ILOAD = 1A.
CIN — 470 μF, 50V, Aluminum Electrolytic Nichicon “PM Series”
COUT — 220 μF, 25V Aluminum Electrolytic, Nichicon “PM Series”
D1
2A, 60V Schottky Rectifier, 21DQ06 (International Rectifier)
L1
68 H, See Inductor Selection Procedure
Figure 19. Fixed Output Voltage Versions
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 1A.
CIN: — 470 μF, 35V, Aluminum Electrolytic Nichicon “PM Series”
COUT: — 220 μF, 35V Aluminum Electrolytic, Nichicon “PM Series”
D1 — 2A, 60V Schottky Rectifier, 21DQ06 (International Rectifier)
See Inductor Selection Procedure L1 — 100
μH,
R1 — 1 kΩ, 1%
R2 — 7.15k, 1%
CFF — 3.3 nF
Typical Values
CSS—0.1 μF
CDELAY—0.1 μF
RPULL UP — 4.7k (use 22k if VOUT is ≥ 45V)
† Small signal Schottky diode to prevent damage to feedback pin by negative spike when output is shorted. Required
if VIN > 40V
Figure 20. Adjustable Output Voltage Versions


Número de pieza similar - LM2591HVSX-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2591HVSX-5.0 TI-LM2591HVSX-5.0 Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
More results

Descripción similar - LM2591HVSX-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com