Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2574M-5.0/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2574M-5.0/NOPB
Descripción Electrónicos  SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574M-5.0/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2574M-5.0/NOPB Datasheet HTML 3Page - Texas Instruments LM2574M-5.0/NOPB Datasheet HTML 4Page - Texas Instruments LM2574M-5.0/NOPB Datasheet HTML 5Page - Texas Instruments LM2574M-5.0/NOPB Datasheet HTML 6Page - Texas Instruments LM2574M-5.0/NOPB Datasheet HTML 7Page - Texas Instruments LM2574M-5.0/NOPB Datasheet HTML 8Page - Texas Instruments LM2574M-5.0/NOPB Datasheet HTML 9Page - Texas Instruments LM2574M-5.0/NOPB Datasheet HTML 10Page - Texas Instruments LM2574M-5.0/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
LM2574, LM2574HV
www.ti.com
SNVS104D – JUNE 1999 – REVISED APRIL 2016
Product Folder Links: LM2574 LM2574HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Test circuit in Figure 22 and Figure 27.
(2)
All limits specified at room temperature TYP and MAX. All room temperature limits are 100% production tested. All limits at temperature
extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level.
6.10 Electrical Characteristics – Adjustable Version
TJ = 25°C, and all MIN and MAX apply over full operating temperature range. VIN = 12 V, ILOAD = 100 mA (unless otherwise
noted).
PARAMETER(1)
TEST CONDITIONS
MIN
TYP(2)
MAX(2)
UNIT
VFB
Feedback voltage
VIN = 12 V, ILOAD = 100 mA
1.217
1.23
1.243
V
LM2574, 7 V
≤ VIN ≤ 40 V,
0.1 A
≤ ILOAD ≤ 0.5 A,
VOUT programmed for 5 V
TJ = 25°C
1.193
1.23
1.267
−40°C ≤ TJ ≤ 125°C
1.18
1.28
LM2574HV, 7 V
≤ VIN ≤ 60 V,
0.1 A
≤ ILOAD ≤ 0.5 A,
VOUT programmed for 5 V
TJ = 25°C
1.193
1.23
1.273
−40°C ≤ TJ ≤ 125°C
1.18
1.286
η
Efficiency
VIN = 12 V, VOUT = 5 V, ILOAD = 0.5 A
77%


Número de pieza similar - LM2574M-5.0/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2574M-5.0/NOPB TI1-LM2574M-5.0/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Descripción similar - LM2574M-5.0/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com