Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2574MX-3.3/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2574MX-3.3/NOPB
Descripción Electrónicos  SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574MX-3.3/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2574MX-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM2574MX-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM2574MX-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LM2574MX-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LM2574MX-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LM2574MX-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LM2574MX-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LM2574MX-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LM2574MX-3.3/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Unregulated
DC Input
Copyright © 2016, Texas Instruments Incorporated
CIN
+
2
Feedback
1
5
VIN
Internal
Regulator
ON / OFF
Signal
GND
+
±
+
±
1.23 V
BAND ± GAP
REFRENCE
Reset
Thermal
Shutdown
Current
Limit
52 kHz
OSCILLATOR
Compatator
Fixed Gain
Error Amp
R2
R1
ON / OFF
0.5 Amp
Switch
3
7
4
DRIVER
Pwr Gnd
Output
+
COUT
D1
L1
L
O
A
D
VOUT
11
LM2574, LM2574HV
www.ti.com
SNVS104D – JUNE 1999 – REVISED APRIL 2016
Product Folder Links: LM2574 LM2574HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2574 SIMPLE SWITCHER® regulator is an easy-to-use, non-synchronous, step-down DC-DC converter
with a wide input voltage range from 40 V to up to 60 V for a HV version. It is capable of delivering up to 0.5-A
DC load current with excellent line and load regulation. These devices are available in fixed output voltages of
3.3 V, 5 V, 12 V, 15 V, and an adjustable output version. The family requires few external components and the
pin arrangement was designed for simple, optimum PCB layout.
7.2 Functional Block Diagram
Note: Pin numbers are for the 8-pin PDIP package
R1 = 1 k
3.3 V, R2 = 1.7 k
5 V, R2 = 3.1 k
12 V, R2 = 8.84 k
15 V, R2 = 11.3 k
For adjustable version,
R1 = Open, R2 = 0
Ω
7.3 Feature Description
7.3.1 Current Limit
The LM2574 device has current limiting to prevent the switch current from exceeding safe values during an
accidental overload on the output. This value (ICL) can be found in Electrical Characteristics for All Output
Voltage Versions.
7.3.2 Undervoltage Lockout
In some applications, it is desirable to keep the regulator off until the input voltage reaches a certain threshold.
An undervoltage lockout circuit which accomplishes this task is shown in Figure 15 while Figure 16 shows the
same circuit applied to a buck-boost configuration. These circuits keep the regulator off until the input voltage
reaches a predetermined level in Equation 1.
VTH ≈ VZ1 + 2 VBE
(1)


Número de pieza similar - LM2574MX-3.3/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2574MX-3.3/NOPB TI1-LM2574MX-3.3/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Descripción similar - LM2574MX-3.3/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com