Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM358DRG3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM358DRG3
Descripción Electrónicos  Dual Operational Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM358DRG3 Datasheet(HTML) 5 Page - Texas Instruments

  LM358DRG3 Datasheet HTML 1Page - Texas Instruments LM358DRG3 Datasheet HTML 2Page - Texas Instruments LM358DRG3 Datasheet HTML 3Page - Texas Instruments LM358DRG3 Datasheet HTML 4Page - Texas Instruments LM358DRG3 Datasheet HTML 5Page - Texas Instruments LM358DRG3 Datasheet HTML 6Page - Texas Instruments LM358DRG3 Datasheet HTML 7Page - Texas Instruments LM358DRG3 Datasheet HTML 8Page - Texas Instruments LM358DRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.ti.com
SLOS068T – JUNE 1976 – REVISED APRIL 2015
6.4 Thermal Information
LMx58, LMx58x, LM2904V, LM2904
LMx58,
LMx58,
LMx58x,
LMx58x,
LM2904
LM2904
V
V
THERMAL METRIC(1)
UNIT
D (SOIC)
DGK
P (PDIP)
PS (SO)
PW
FK
JG
(VSSOP)
(TSSOP)
(LCCC)
(CDIP)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
20 PINS
8 PINS
RθJA
Junction-to-ambient
97
172
85
95
149
thermal resistance
°C/W
RθJC(top) Junction-to-case
(top) thermal
72.2
5.61
14.5
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics for LMx58
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM158
LM358
LM258
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
VCC = 5 V to MAX,
25°C
3
5
3
7
VIC = VICR(min),
VIO
Input offset voltage
mV
Full range
7
9
VO = 1.4 V
Average temperature coefficient of
αVIO
Full range
7
7
µV/°C
input offset voltage
25°C
2
30
2
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
100
150
Average temperature coefficient of
αIIO
Full range
10
10
pA/°C
input offset current
25°C
–20
–150
–20
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–300
–500
0 to
0 to
25°C
VCC – 1.5
VCC – 1.5
VICR
Common-mode input voltage range
VCC = 5 V to MAX
V
0 to
0 to
Full range
VCC – 2
VCC – 2
RL ≥ 2 kΩ
25°C
VCC – 1.5
VCC – 1.5
RL ≥ 10 kΩ
25°C
VOH
High-level output voltage
V
RL = 2 kΩ
Full range
26
26
VCC = MAX
RL ≥ 10 kΩ
Full range
27
28
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
VCC = 15 V
25°C
50
100
25
100
Large-signal differential
VO = 1 V to 11 V,
AVD
V/mV
voltage amplification
Full range
25
15
RL ≥ 2 kΩ
VCC= 5 V to MAX,
CMRR
Common-mode rejection ratio
25°C
70
80
65
80
dB
VIC = VICR(min)
Supply-voltage rejection ratio
kSVR
VCC = 5 V to MAX
25°C
65
100
65
100
dB
(
ΔVDD /ΔVIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
120
dB
VCC = 15 V,
25°C
–20
–30
–20
–30
VID = 1 V,
Source
Full range
–10
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
20
10
20
VID = –1 V,
Sink
Full range
5
5
VO = 15 V
VID = –1 V, VO = 200 mV
25°C
12
30
12
30
μA
VCC at 5 V, GND at –5 V,
IOS
Short-circuit output current
25°C
±40
±60
±40
±60
mA
VO = 0
VO = 2.5 V, No load
Full range
0.7
1.2
0.7
1.2
Supply current
ICC
mA
VCC = MAX, VO = 0.5 VCC,
(two amplifiers)
Full range
1
2
1
2
No load
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2902 and 30 V for the others.
(2)
Full range is –55°C to 125°C for LM158, –25°C to 85°C for LM258, and 0°C to 70°C for LM358, and –40°C to 125°C for LM2904.
(3)
All typical values are at TA = 25°C
Copyright © 1976–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V


Número de pieza similar - LM358DRG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM358DRG3 TI1-LM358DRG3 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM358DRG3 TI-LM358DRG3 Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358DRG3 TI1-LM358DRG3 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM358DRG3 TI-LM358DRG3 Datasheet
4Mb / 61P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358DRG3 TI1-LM358DRG3 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results

Descripción similar - LM358DRG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com