Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC164NS Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza SN74HC164NS
Descripción Electrónicos  8-Bit Parallel-Out Serial Shift Registers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC164NS Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC164NS Datasheet HTML 5Page - Texas Instruments SN74HC164NS Datasheet HTML 6Page - Texas Instruments SN74HC164NS Datasheet HTML 7Page - Texas Instruments SN74HC164NS Datasheet HTML 8Page - Texas Instruments SN74HC164NS Datasheet HTML 9Page - Texas Instruments SN74HC164NS Datasheet HTML 10Page - Texas Instruments SN74HC164NS Datasheet HTML 11Page - Texas Instruments SN74HC164NS Datasheet HTML 12Page - Texas Instruments SN74HC164NS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
SN54HC164, SN74HC164
www.ti.com
SCLS115G – DECEMBER 1982 – REVISED SEPTEMBER 2015
7.9 Timing Requirements, TA = –55°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted)
RECOMMENDED
SN54HC164
SN74HC164
PARAMETER
VCC
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
2 V
4.2
4.2
fclock
Clock frequency
4.5 V
21
21
MHz
6 V
25
25
2 V
150
125
CLR low
4.5 V
30
25
6 V
25
21
tw
Pulse duration
ns
2 V
120
120
CLK high or low
4.5 V
24
24
6 V
20
20
2 V
150
125
Data
4.5 V
30
25
6 V
25
25
tsu
Setup time before CLK
ns
2 V
150
125
CLR inactive
4.5 V
30
25
6 V
25
25
2 V
5
5
th
Hold time, data after CLK
4.5 V
5
5
ns
6 V
5
5
7.10 Timing Requirements, TA = –55°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted)
SN74HC164
PARAMETER
VCC
UNIT
MIN
NOM
MAX
2 V
5
fclock
Clock frequency
4.5 V
25
MHz
6 V
28
2 V
125
CLR low
4.5 V
25
6 V
21
tw
Pulse duration
ns
2 V
100
CLK high or low
4.5 V
20
6 V
18
2 V
125
Data
4.5 V
25
6 V
21
tsu
Setup time before CLK
ns
2 V
125
CLR inactive
4.5 V
25
6 V
21
2 V
5
th
Hold time, data after CLK
4.5 V
5
ns
6 V
5
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54HC164 SN74HC164


Número de pieza similar - SN74HC164NS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC164NSR TI-SN74HC164NSR Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164NSR TI-SN74HC164NSR Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164NSR TI-SN74HC164NSR Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164NSR TI-SN74HC164NSR Datasheet
116Kb / 7P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164NSR TI-SN74HC164NSR Datasheet
664Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Descripción similar - SN74HC164NS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com