Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC164NE3 Datasheet(PDF) 7 Page - Texas Instruments |
|
SN74HC164NE3 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 33 page SN54HC164, SN74HC164 www.ti.com SCLS115G – DECEMBER 1982 – REVISED SEPTEMBER 2015 7.4 Thermal Information SN54HC164 SN74HC164 J W FK D N NS PW THERMAL METRIC(1) (CDIP) (CFP) (LCCC) (SOIC) (PDIP) (SO) (TSSOP) UNIT 14 14 20 14 14 14 14 PINS PINS PINS PINS PINS PINS PINS RθJA Junction-to-ambient thermal — — — 86 80 76 113 °C/W resistance (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 7.5 Electrical Characteristics, TA = 25°C over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP MAX UNIT 2 V 1.9 1.998 IOH = –20 μA 4.5 V 4.4 4.499 VOH VI = VIH or VIL 6 V 5.9 5.999 V IOH = –4 mA 4.5 V 3.98 4.3 IOH = –5.2 mA 6 V 5.48 5.8 2 V 0.002 0.1 IOL = 20 μA 4.5 V 0.001 0.1 VOL VI = VIH or VIL 6 V 0.001 0.1 V IOL = 4 mA 4.5 V 0.17 0.26 IOL = 5.2 mA 6 V 0.15 0.26 II VI = VCC or 0 6 V ±0.1 ±100 nA ICC VI = VCC or 0 IO = 0 6 V 8 µA 2 V to Ci 3 10 pF 6 V 7.6 Electrical Characteristics, TA = –55°C to 125°C over recommended operating free-air temperature range (unless otherwise noted) Recommended SN54HC164 SN74HC164 PARAMETER TEST CONDITIONS VCC UNIT MIN TYP MAX MIN TYP MAX 2 V 1.9 1.9 IOH = –20 μA 4.5 V 4.4 4.4 VOH VI = VIH or VIL 6 V 5.9 5.9 V IOH = –4 mA 4.5 V 3.7 3.7 IOH = –5.2 mA 6 V 5.2 5.2 2 V 0.1 0.1 IOL = 20 μA 4.5 V 0.1 0.1 VOL VI = VIH or VIL 6 V 0.1 0.1 V IOL = 4 mA 4.5 V 0.4 0.4 IOL = 5.2 mA 6 V 0.4 0.4 II VI = VCC or 0 6 V ±1000 ±1000 nA ICC VI = VCC or 0 IO = 0 6 V 160 160 µA 2 V to Ci 10 10 pF 6 V Copyright © 1982–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: SN54HC164 SN74HC164 |
Número de pieza similar - SN74HC164NE3 |
|
Descripción similar - SN74HC164NE3 |