Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXXH30N60B3 Datasheet(PDF) 6 Page - IXYS Corporation

No. de pieza IXXH30N60B3
Descripción Electrónicos  XPTTM 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH30N60B3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXXH30N60B3 Datasheet HTML 1Page - IXYS Corporation IXXH30N60B3 Datasheet HTML 2Page - IXYS Corporation IXXH30N60B3 Datasheet HTML 3Page - IXYS Corporation IXXH30N60B3 Datasheet HTML 4Page - IXYS Corporation IXXH30N60B3 Datasheet HTML 5Page - IXYS Corporation IXXH30N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXH30N60B3
IXYS REF: IXX_30N60B3D1(4D)05-06-11
Fig. 20. Inductive Turn-on Switching Times vs.
Collector Current
10
20
30
40
50
60
70
80
10
15
20
25
30
35
40
45
50
IC - Amperes
16
18
20
22
24
26
28
30
t r i
td(on) - - - -
RG = 10Ω, VGE = 15V
VCE = 400V
TJ = 25ºC, 125ºC
Fig. 21. Inductive Turn-on Switching Times vs.
Junction Temperature
20
30
40
50
60
70
80
90
25
50
75
100
125
150
TJ - Degrees Centigrade
21
22
23
24
25
26
27
28
t r i
td(on) - - - -
RG = 10Ω, VGE = 15V
VCE = 400V
I C = 48A
I C = 24A
Fig. 19. Inductive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
160
10
20
30
40
50
60
70
80
RG - Ohms
10
20
30
40
50
60
70
80
90
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 48A
I C = 24A


Número de pieza similar - IXXH30N60B3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
More results

Descripción similar - IXXH30N60B3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
IXXH75N60B3D1 IXYS-IXXH75N60B3D1 Datasheet
192Kb / 7P
   XPTTM 600V IGBT
IXXN100N60B3H1 IXYS-IXXN100N60B3H1 Datasheet
217Kb / 7P
   XPTTM 600V IGBT
IXXH30N60C3D1 IXYS-IXXH30N60C3D1 Datasheet
241Kb / 7P
   XPTTM 600V IGBT
IXXH50N60B3D1 IXYS-IXXH50N60B3D1 Datasheet
244Kb / 7P
   XPTTM 600V IGBT
IXXR100N60B3H1 IXYS-IXXR100N60B3H1 Datasheet
232Kb / 7P
   XPTTM 600V IGBT
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com