Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2671LD-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2671LD-ADJ
Descripción Electrónicos  LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2671LD-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LM2671LD-ADJ Datasheet HTML 1Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 2Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 3Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 4Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 5Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 6Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 7Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 8Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LM2671
www.ti.com
SNVS008L – SEPTEMBER 1998 – REVISED JUNE 2016
Product Folder Links: LM2671
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
All room temperature limits are 100% production tested. All limits at temperature extremes are ensured through correlation using
standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2671 is used as shown in Figure 15 and Figure 21 test circuits, system performance is as
specified by the system parameters section of the Electrical Characteristics.
7.5 Electrical Characteristics – 3.3 V
Specifications are for TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1) UNIT
SYSTEM PARAMETERS(3)
VOUT
Output voltage
VIN = 8 V to 40 V,
ILOAD = 20 mA to 500 mA
TJ = 25°C
3.251
3.3
3.35
V
Over full operating temperature
range
3.201
3.399
VIN = 6.5 V to 40 V,
ILOAD = 20 mA to 250 mA
TJ = 25°C
3.251
3.3
3.35
V
Over full operating temperature
range
3.201
3.399
η
Efficiency
VIN = 12 V, ILOAD = 500 mA
86%
(1)
All room temperature limits are 100% production tested. All limits at temperature extremes are ensured through correlation using
standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2671 is used as shown in Figure 15 and Figure 21 test circuits, system performance is as
specified by the system parameters section of the Electrical Characteristics.
7.6 Electrical Characteristics – 5 V
Specifications are for TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1) UNIT
SYSTEM PARAMETERS(3)
VOUT
Output voltage
VIN = 8 V to 40 V,
ILOAD = 20 mA to 500 mA
TJ = 25°C
4.925
5
5.075
V
Over full operating temperature
range
4.85
5.15
VIN = 6.5 V to 40 V,
ILOAD = 20 mA to 250 mA
TJ = 25°C
4.925
5
5.075
V
Over full operating temperature
range
4.85
5.15
η
Efficiency
VIN = 12 V, ILOAD = 500 mA
90%
(1)
All room temperature limits are 100% production tested. All limits at temperature extremes are ensured through correlation using
standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2671 is used as shown in Figure 15 and Figure 21 test circuits, system performance is as
specified by the system parameters section of the Electrical Characteristics.
7.7 Electrical Characteristics – 12 V
Specifications are for TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1) UNIT
SYSTEM PARAMETERS(3)
VOUT
Output voltage
VIN = 15 V to 40 V,
ILOAD = 20 mA to 500 mA
TJ = 25°C
11.82
12
12.18
V
Over full operating
temperature range
11.64
12.36
η
Efficiency
VIN = 24 V, ILOAD = 500 mA
94%


Número de pieza similar - LM2671LD-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2671LD-ADJ NSC-LM2671LD-ADJ Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2671LD-ADJ NSC-LM2671LD-ADJ Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671LD-ADJ TI-LM2671LD-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671LD-ADJ TI-LM2671LD-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671LD-ADJ TI1-LM2671LD-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
More results

Descripción similar - LM2671LD-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2672 TI1-LM2672 Datasheet
1Mb / 36P
[Old version datasheet]   LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com