Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2704 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2704
Descripción Electrónicos  LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2704 Datasheet(HTML) 2 Page - Texas Instruments

  LM2704 Datasheet HTML 1Page - Texas Instruments LM2704 Datasheet HTML 2Page - Texas Instruments LM2704 Datasheet HTML 3Page - Texas Instruments LM2704 Datasheet HTML 4Page - Texas Instruments LM2704 Datasheet HTML 5Page - Texas Instruments LM2704 Datasheet HTML 6Page - Texas Instruments LM2704 Datasheet HTML 7Page - Texas Instruments LM2704 Datasheet HTML 8Page - Texas Instruments LM2704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM2704
SNVS175D – FEBRUARY 2002 – REVISED MAY 2013
www.ti.com
Connection Diagram
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-
to-ambient thermal resistance,
θJA, and the ambient temperature, TA. See the Electrical Characteristics table for the
thermal resistance. The maximum allowable power dissipation at any ambient temperature is calculated using: PD
(MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature.
Figure 1. SOT23-5 - Top View
TJmax = 125°C, θJA = 220°C/W
PIN DESCRIPTIONS
Pin
Name
Function
1
SW
Power Switch input.
2
GND
Ground.
3
FB
Output voltage feedback input.
4
SHDN
Shutdown control input, active low.
5
VIN
Analog and Power input.
SW(Pin 1): Switch Pin. This is the drain of the internal NMOS power switch. Minimize the metal trace area
connected to this pin to minimize EMI.
GND(Pin 2): Ground Pin. Tie directly to ground plane.
FB(Pin 3): Feedback Pin. Set the output voltage by selecting values for R1 and R2 using:
(1)
Connect the ground of the feedback network to an AGND plane which should be tied directly to the GND pin.
SHDN(Pin 4): Shutdown Pin. The shutdown pin is an active low control. Tie this pin above 1.1V to enable the
device. Tie this pin below 0.3V to turn off the device.
VIN(Pin 5): Input Supply Pin. Bypass this pin with a capacitor as close to the device as possible.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2704


Número de pieza similar - LM2704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
National Semiconductor ...
LM2704-ADJMWC NSC-LM2704-ADJMWC Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704MF-ADJ NSC-LM2704MF-ADJ Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704MFX-ADJ NSC-LM2704MFX-ADJ Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
More results

Descripción similar - LM2704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2703MFX-ADJ TI1-LM2703MFX-ADJ Datasheet
1,015Kb / 19P
[Old version datasheet]   LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
[Old version datasheet]   LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com