Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2940GW5.0RLQV Datasheet(PDF) 7 Page - Texas Instruments |
|
|
LM2940GW5.0RLQV Datasheet(HTML) 7 Page - Texas Instruments |
7 / 17 page LM2940QML, LM2940QML-SP www.ti.com SNVS389B – MAY 2010 – REVISED MAY 2013 LM2940-5.0 Electrical Characteristics SMD: 5962R8958702 AC Parameters The following conditions apply, unless otherwise specified. AC: VI = 10V, IO = 1A, CO = 22µF Sub- Symbol Parameter Conditions Notes Min Max Unit groups Max Line Transient VO ≤ 6V, RO = 100Ω, t = 20mS See(1) 40 V 1, 2, 3 Reverse Polarity Input Voltage t = 20mS, RO = 100Ω See(1) -45 V 1, 2, 3 Transient RR See(1) 60 dB 4 VIN = 10V, 1VRMS, ƒ = 1KHz, Ripple Rejection IOUT = 5mA See(1) 50 dB 5, 6 NO VIN = 10V, IOUT = 5mA, Output Noise Voltage See(1) 0.0 700 µVRMS 1, 2, 3 10Hz - 100KHz ZO VIN = 10V, ƒO = 120Hz Output Impedance See(1) 1.0 Ω 1, 2, 3 IOUT = 100mA DC and 20mA AC (1) Functional test only. LM2940-5.0 Electrical Characteristics SMD: 5962R8958702 DC Drift Parameters The following conditions apply, unless otherwise specified. DC: VI = 10V, IO = 1A, CO = 22µF, “Delta calculations performed on QMLV devices at group B, subgroup 5 only” Sub- Symbol Parameter Conditions Notes Min Max Unit groups VO VIN = 10V, IOUT = 5mA -30 30 mV 1 VIN = 6V, IOUT = 5mA -30 30 mV 1 VIN = 7V, IOUT = 5mA -30 30 mV 1 VIN = 26V, IOUT = 5mA -30 30 mV 1 Output Voltage VIN = 10V, IOUT = 1A -30 30 mV 1 VIN = 6V, IOUT = 1A -30 30 mV 1 VIN = 6V, IOUT = 50mA -30 30 mV 1 VIN = 10V, IOUT = 50mA -30 30 mV 1 VRLOAD Load Regulation VIN = 10V, 50mA ≤ IOUT ≤ 1A -20 20 mV 1 Copyright © 2010–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM2940QML LM2940QML-SP |
Número de pieza similar - LM2940GW5.0RLQV |
|
Descripción similar - LM2940GW5.0RLQV |