Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXXH110N65C4 Datasheet(PDF) 2 Page - IXYS Corporation

No. de pieza IXXH110N65C4
Descripción Electrónicos  XPTTM 650V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH110N65C4 Datasheet(HTML) 2 Page - IXYS Corporation

  IXXH110N65C4 Datasheet HTML 1Page - IXYS Corporation IXXH110N65C4 Datasheet HTML 2Page - IXYS Corporation IXXH110N65C4 Datasheet HTML 3Page - IXYS Corporation IXXH110N65C4 Datasheet HTML 4Page - IXYS Corporation IXXH110N65C4 Datasheet HTML 5Page - IXYS Corporation IXXH110N65C4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXH110N65C4
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
e
P
TO-247 (IXXH) Outline
1
2
3
Terminals: 1 - Gate
2 - Collector
3 - Emitter
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
24
40
S
C
ies
3690
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
240
pF
C
res
140
pF
Q
g(on)
180
nC
Q
ge
I
C = 110A, VGE = 15V, VCE = 0.5 • VCES
32
nC
Q
gc
76
nC
t
d(on)
35
ns
t
ri
46
ns
E
on
2.30
mJ
t
d(off)
143
ns
t
fi
30
ns
E
off
0.60
1.05 mJ
t
d(on)
30
ns
t
ri
32
ns
E
on
2.90
mJ
t
d(off)
130
ns
t
fi
43
ns
E
off
0.77
mJ
R
thJC
0.17 °C/W
R
thCS
0.21
°C/W
Inductive load, T
J = 25°C
I
C = 55A, VGE = 15V
V
CE = 400V, RG = 2
Note 2
Inductive load, T
J = 150°C
I
C = 55A, VGE = 15V
V
CE = 400V, RG = 2
Note 2


Número de pieza similar - IXXH110N65C4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXXH100N60B3 IXYS-IXXH100N60B3 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 10-30 kHz Switching
IXXH100N60C3 IXYS-IXXH100N60C3 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 20-60kHz Switching
IXXH150N60C3 IXYS-IXXH150N60C3 Datasheet
229Kb / 6P
   Advance Technical Information
More results

Descripción similar - IXXH110N65C4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXYP20N65C3D1 IXYS-IXYP20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXXH40N65B4H1 IXYS-IXXH40N65B4H1 Datasheet
181Kb / 8P
   XPTTM 650V IGBT
IXXH80N65B4H1 IXYS-IXXH80N65B4H1 Datasheet
217Kb / 7P
   XPTTM 650V IGBT
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXXN110N65C4H1 IXYS-IXXN110N65C4H1 Datasheet
217Kb / 7P
   XPTTM 650V GenX4TM
IXXK110N65B4H1 IXYS-IXXK110N65B4H1 Datasheet
267Kb / 7P
   XPTTM 650V GenX4TM
IXXN110N65B4H1 IXYS-IXXN110N65B4H1 Datasheet
223Kb / 7P
   XPTTM 650V GenX4TM
IXXR110N65B4H1 IXYS-IXXR110N65B4H1 Datasheet
240Kb / 7P
   XPTTM 650V GenX4TM
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com