Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL521ACM Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

No. de pieza SL521ACM
Descripción Electrónicos  150MHz WIDEBAND LOG AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL521ACM Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SL521ACM Datasheet HTML 1Page - Zarlink Semiconductor Inc SL521ACM Datasheet HTML 2Page - Zarlink Semiconductor Inc SL521ACM Datasheet HTML 3Page - Zarlink Semiconductor Inc SL521ACM Datasheet HTML 4Page - Zarlink Semiconductor Inc SL521ACM Datasheet HTML 5Page - Zarlink Semiconductor Inc SL521ACM Datasheet HTML 6Page - Zarlink Semiconductor Inc SL521ACM Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SL521
Fig.5 Maximum rectified output current v. temperature
(typical)
Fig.6 Noise figure v. temperature (typical)
Fig.7 Input admittance with open-circuit output (typical)
Fig.8 Direct Coupled amplifiers
Fig.9 Suitable interstagetuned circuit
OPERATING NOTES
The amplifiers are intended for use directly coupled, as
shown in Fig 8.
The seventh stage in an untuned cascade will be giving
virtually full output on noise.
Noise may be reduced by inserting a single tuned circuit in
the chain As there is a large mismatch between stages a
simple shunt or series circuit cannot be used The choice of
network is also controlled by the need to avoid distorting the
logarithmic law; the network must give unity voltage transfer at
resonance A suitable network is shown in Fig 9. The value of
C1 must be chosen so that at resonance its admittance equals
the total loss conductance across the tuned circuit Resistor R1
may be introduced to improve the symmetry of filter response,
providing other values are adjusted for unity galn at
resonance.
A simple capacitor may not be suitable for decoupling the
output line if many stages and fast rise times are required.
Alternative arrangements may be derived, based on the
parasitic parameters given.
Values of positive supply line decoupling capacitor
requlred for untuned cascades are given below. Smaller
values can be used in high frequency tuned cascades.
Number of stages
6 or more
5
4
3
Minimum capacitance
30nF
10nF
3nF lnF
The amplifiers have been provided with two earth leads to
avoid the introduction of common ground lead inductance
between input and output circuits. The equipment designer
should take care to avoid the subsequent introduction of such
inductance.
The 500pF supply decoupling capacitor has a resistance
of, typically, 1 0Q. It is a junction type having a low breakdown
voltage and consequently the positive supply current will
increase rapidly if the supply voltage exceeds 7.5V (see
Absolute Maximum Ratings).


Número de pieza similar - SL521ACM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
SL52 DYELEC-SL52 Datasheet
742Kb / 2P
   Plastic package Underwirters Laboratory Flammability Classification 94V-0
logo
DAESAN ELECTRONIC CORP.
SL52 DAESAN-SL52 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SL52-3G DIOTEC-SL52-3G Datasheet
131Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
PACELEADER INDUSTRIAL
SL52-A PACELEADER-SL52-A Datasheet
863Kb / 5P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
DIYI Electronic Technol...
SL520 DYELEC-SL520 Datasheet
742Kb / 2P
   Plastic package Underwirters Laboratory Flammability Classification 94V-0
More results

Descripción similar - SL521ACM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
   100MHz DUAL WIDEBAND LOG AMPLIFIER
SL161 ZARLINK-SL161 Datasheet
343Kb / 8P
   WIDEBAND LOG IF STRIP AMPLIFIER
SL1613 ZARLINK-SL1613 Datasheet
181Kb / 7P
   WIDEBAND LOG IF STRIP AMPLIFIER
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048 Datasheet
85Kb / 7P
   Log Amplifier
logo
New Japan Radio
NJM2204A NJRC-NJM2204A_1 Datasheet
158Kb / 5P
   LOG AMPLIFIER
NJM2204A NJRC-NJM2204A Datasheet
250Kb / 6P
   LOG AMPLIFIER
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048_04 Datasheet
195Kb / 8P
   Log Amplifier
logo
Renesas Technology Corp
ICL8048 RENESAS-ICL8048 Datasheet
469Kb / 7P
   Log Amplifier
January 2004
logo
Intronics Power, Inc.
759N INTRONICS-759N Datasheet
903Kb / 4P
   Economy, Wideband Log/Antilog Amplifiers
logo
List of Unclassifed Man...
759N ETC1-759N Datasheet
69Kb / 1P
   Economy, Wideband Log/Antilog Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com